Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TSLG-XR8080-A08L Datasheet(PDF) 3 Page - TAITRON Components Incorporated

No. de pieza TSLG-XR8080-A08L
Descripción Electrónicos  HIGH POWER LED
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TAITRON [TAITRON Components Incorporated]
Página de inicio  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

TSLG-XR8080-A08L Datasheet(HTML) 3 Page - TAITRON Components Incorporated

  TSLG-XR8080-A08L Datasheet HTML 1Page - TAITRON Components Incorporated TSLG-XR8080-A08L Datasheet HTML 2Page - TAITRON Components Incorporated TSLG-XR8080-A08L Datasheet HTML 3Page - TAITRON Components Incorporated TSLG-XR8080-A08L Datasheet HTML 4Page - TAITRON Components Incorporated TSLG-XR8080-A08L Datasheet HTML 5Page - TAITRON Components Incorporated TSLG-XR8080-A08L Datasheet HTML 6Page - TAITRON Components Incorporated TSLG-XR8080-A08L Datasheet HTML 7Page - TAITRON Components Incorporated TSLG-XR8080-A08L Datasheet HTML 8Page - TAITRON Components Incorporated TSLG-XR8080-A08L Datasheet HTML 9Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
High Power LED
TSLG-XR8080-A08L
Typical Electro-Optical Characteristics Curves
Relative Spectral Distribution,
IF=350mA, Ta=25°C
Wavelength λp(nm)
Forward Voltage vs Forward
Current, Ta=25°C
Forward Current (mA)
Forward Current Derating Curve, Derating
based on TJMAX=125 °C
Ambient Temperature Ta (°C)
Relative Luminous Intensity vs Forward
Current, Ta=25°C
Forward Current (mA)
Typical Representative Spatial Radiation Pattern
Angle (Degree)
Rev. A/JY
www.taitroncomponents.com
Page 3 of 9


Número de pieza similar - TSLG-XR8080-A08L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TAITRON Components Inco...
TSLG-QR8080A08L TAITRON-TSLG-QR8080A08L Datasheet
563Kb / 9P
   High Power LED - 1W
TSLG-QR8080A08L-92-TR70 TAITRON-TSLG-QR8080A08L-92-TR70 Datasheet
563Kb / 9P
   High Power LED - 1W
TSLG-TR8080A08L TAITRON-TSLG-TR8080A08L Datasheet
520Kb / 9P
   High Power LED - 1W
TSLG-TR8080A08L-92-TR70 TAITRON-TSLG-TR8080A08L-92-TR70 Datasheet
520Kb / 9P
   High Power LED - 1W
More results

Descripción similar - TSLG-XR8080-A08L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Everlight Electronics C...
30-01UWC EVERLIGHT-30-01UWC Datasheet
139Kb / 6P
   HIGH POWER LED
logo
P-tec Corporation
PL763H-WC3W P-TEC-PL763H-WC3W Datasheet
31Kb / 1P
   HIGH POWER LED
logo
Ningbo Foryard Optoelec...
FYB-E27W3W3B FORYARD-FYB-E27W3W3B Datasheet
753Kb / 4P
   High Power LED
FYG50-5052UW-3W FORYARD-FYG50-5052UW-3W Datasheet
599Kb / 4P
   High Power LED
FYLP-5052PGC-1W FORYARD-FYLP-5052PGC-1W Datasheet
518Kb / 8P
   High-Power LED
FYLP-5052UBC-1W FORYARD-FYLP-5052UBC-1W Datasheet
516Kb / 8P
   High-Power LED
FYLP-5052UWC-0.5W FORYARD-FYLP-5052UWC-0.5W Datasheet
522Kb / 8P
   High-Power LED
logo
Roithner LaserTechnik G...
ELJ-810-629 ROITHNER-ELJ-810-629 Datasheet
262Kb / 4P
   High Power LED
RLT-WNP1000-02 ROITHNER-RLT-WNP1000-02 Datasheet
227Kb / 4P
   High Power LED
SMB1W-770R ROITHNER-SMB1W-770R Datasheet
372Kb / 5P
   High Power LED
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com