Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS2062ADR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS2062ADR
Descripción Electrónicos  TWO CHANNEL, CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS2062ADR Datasheet(HTML) 1 Page - Texas Instruments

  TPS2062ADR Datasheet HTML 1Page - Texas Instruments TPS2062ADR Datasheet HTML 2Page - Texas Instruments TPS2062ADR Datasheet HTML 3Page - Texas Instruments TPS2062ADR Datasheet HTML 4Page - Texas Instruments TPS2062ADR Datasheet HTML 5Page - Texas Instruments TPS2062ADR Datasheet HTML 6Page - Texas Instruments TPS2062ADR Datasheet HTML 7Page - Texas Instruments TPS2062ADR Datasheet HTML 8Page - Texas Instruments TPS2062ADR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
1
FEATURES
APPLICATIONS
1
2
3
4
5
6
OUT2
OC1
OUT 1
EN1
GND
IN
TPS2062A/TPS2066A
DPACKAGE
(TOP VIEW)
7
8
EN2
OC2
5
6
TPS2062A/TPS2066A
DRBPACKAGE
(TOP VIEW)
7
8
PAD
1
2
3
4
EN1
GND
IN
EN2
OUT2
OC1
OUT1
OC2
Enableinputsareactivelowforall TPS2062A
andactivehighforall TPS2066A
DESCRIPTION
TPS2014600mA
TPS20151 A
TPS2041B500mA
TPS2051B500mA
TPS2045A
250mA
TPS2049100mA
TPS2055A
250mA
TPS20611 A
TPS20651 A
TPS20681.5 A
TPS20691.5 A
TPS201xA
0.2 A -2 A
TPS202x0.2 A -2 A
TPS203x0.2 A -2 A
TPS2062A
TPS2066A
www.ti.com ..................................................................................................................................................... SLVS798D – JANUARY 2008 – REVISED APRIL 2008
TWO CHANNEL, CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
• Heavy Capacitive Loads
2
• 70-mΩ High-Side MOSFET
• Short-Circuit Protection
• 1-A Continuous Current
• Thermal and Short-Circuit Protection
• Accurate Current-Limit
(1.2 A min, 2 A max)
• Operating Range: 2.7 V to 5.5 V
• 0.6-ms Typical Rise Time
• Undervoltage Lockout
• Deglitched Fault Report (OCx)
• No OCx Glitch During Power Up
• 1-µA Maximum Standby Supply Current
• Bidirectional Switch
• Ambient Temperature Range: –40°C to 85°C
• Built-in Soft-Start
The TPS206xA power-distribution switches are intended for applications where heavy capacitive loads and
short-circuits are likely to be encountered. The TPS206xA family is pin-for-pin compatible with the TPS206x
family with a tighter overcurrent tolerance. This family of devices incorporates two 70-m
Ω N-channel MOSFET
power switches for power-distribution systems that require multiple power switches in a single package. Each
switch is controlled by a logic enable input. Gate drive is provided by an internal charge pump designed to
control the power-switch rise and fall times to minimize current surges during switching. The charge pump
requires no external components and allows operation from supplies as low as 2.7 V.
Each device limits the output current to a safe level by switching into a constant-current mode when the output
load exceeds the current-limit threshold or a short is present. Individual channels indicate the presence of an
overcurrent condition by asserting its corresponding OCx output (active low). Thermal protection circuitry
disables the device during overcurrent or short-circuit events to prevent permanent damage. The device recovers
from thermal shutdown automatically once the device has cooled sufficiently. The device provides undervoltage
lockout to disable the device until the input voltage rises above 2.0 V. The TPS206xA is designed to current limit
at 1.6 A typically per channel.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Número de pieza similar - TPS2062ADR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2062 TI-TPS2062 Datasheet
713Kb / 27P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2062 TI-TPS2062 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2062 TI-TPS2062 Datasheet
1Mb / 35P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2062 TI-TPS2062 Datasheet
1Mb / 38P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2062 TI1-TPS2062 Datasheet
1Mb / 43P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
More results

Descripción similar - TPS2062ADR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
   CURRENT LIMITED POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2062-1 TI-TPS2062-1 Datasheet
513Kb / 28P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2060 TI1-TPS2060_14 Datasheet
1Mb / 36P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B_0709 TI-TPS2041B_0709 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2061 TI-TPS2061_09 Datasheet
1Mb / 38P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2045A TI1-TPS2045A_16 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2000C TI1-TPS2000C_16 Datasheet
1Mb / 39P
[Old version datasheet]   Current Limited, Power-Distribution Switches
TPS2041B TI-TPS2041B_08 Datasheet
1Mb / 49P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B-Q1 TI-TPS2041B-Q1_10 Datasheet
599Kb / 29P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2045A TI-TPS2045A Datasheet
478Kb / 31P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com