Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS2062ADRBTG4 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS2062ADRBTG4
Descripción Electrónicos  TWO CHANNEL, CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS2062ADRBTG4 Datasheet(HTML) 3 Page - Texas Instruments

  TPS2062ADRBTG4 Datasheet HTML 1Page - Texas Instruments TPS2062ADRBTG4 Datasheet HTML 2Page - Texas Instruments TPS2062ADRBTG4 Datasheet HTML 3Page - Texas Instruments TPS2062ADRBTG4 Datasheet HTML 4Page - Texas Instruments TPS2062ADRBTG4 Datasheet HTML 5Page - Texas Instruments TPS2062ADRBTG4 Datasheet HTML 6Page - Texas Instruments TPS2062ADRBTG4 Datasheet HTML 7Page - Texas Instruments TPS2062ADRBTG4 Datasheet HTML 8Page - Texas Instruments TPS2062ADRBTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
TPS2062A
TPS2066A
www.ti.com ..................................................................................................................................................... SLVS798D – JANUARY 2008 – REVISED APRIL 2008
MIN
MAX
UNIT
Input voltage, IN
2.7
5.5
V
VI
Input voltage, ENx, ENx
0
5.5
V
IO
Continuous output current, OUTx
0
1
A
TJ
Operating virtual junction temperature
–40
125
°C
over recommended operating junction temperature range, VI = 5.5 V, IO = 1 A, V/ENx = 0 V (TPS2062A) or VENx = 5.5 V
(unless otherwise noted)
PARAMETER
TEST CONDITIONS(1)
MIN
TYP
MAX
UNIT
POWER SWITCH
TJ = 25°C
70
100
rDS(on)
Static drain-source on-state resistance 2.7 V
≤ VI ≤ 5.5 V, IO = 1 A
m
–40
°C ≤ T
J ≤ 125°C
135
VI = 5.5 V
0.6
1.5
tr
Rise time, output
VI = 2.7 V
0.4
1
CL = 1 µF,
ms
RL = 5 Ω, TJ = 25°C
VI = 5.5 V
0.05
0.5
tf
Fall time, output
VI = 2.7 V
0.05
0.5
ENABLE INPUT EN OR EN
VIH
High-level input voltage
2
2.7 V
≤ VI ≤ 5.5 V
V
VIL
Low-level input voltage
0.8
II
Input current
-0.5
0.5
µA
ton
Turnon time
3
CL = 100 µF, RL = 5 Ω
ms
toff
Turnoff time
3
CURRENT LIMIT
TJ = 25°C
1.2
1.6
2.0
Short-circuit output current per
VI = 5 V, OUTx connected to GND,
IOS
A
channel
device enabled into short-circuit
–40
°C ≤ T
J ≤ 125°C
1.1
1.6
2.1
IOC
Overcurrent trip threshold
VIN = 5 V
IOS
2.1
2.45
A
TJ = 25°C
2.4
3.2
4.0
VI = 5 V, OUT1 & OUT2 connected to
IOS_G
Ganged short-circuit output current
GND, device enabled into short-circuit
–40
°C ≤ T
J ≤ 125°C
2.2
3.2
4.2
A
IOC_G
Ganged overcurrent trip threshold
VI = 5 V, OUT1 & OUT2 tied together
IOS_G
4.2
4.9
SUPPLY CURRENT
TJ = 25°C
0.5
1
IIL
Supply current, device disabled
No load on OUT
µA
–40
°C ≤ T
J ≤ 125°C
0.5
5
TJ = 25°C
50
60
IIH
Supply current, device enabled
No load on OUT
µA
–40
°C ≤ T
J ≤ 125°C
50
75
Ilkg
Leakage current, device disabled
OUT connected to ground
–40
°C ≤ T
J ≤ 125°C
1
µA
Reverse leakage current
VO = 5.5 V, VI = 0 V
TJ = 25°C
0.2
µA
UNDERVOLTAGE LOCKOUT
Low-level input voltage, IN
VI rising
2
2.5
V
Hysteresis, IN
VI falling
75
mV
OVERCURRENT FLAG
VOL
Output low voltage, OC
I/OCx = 5 mA
0.4
V
Off-state current
V/OCx = 5.0 V or 3.3 V
1
µA
OC deglitch
OCx assertion or de-assertion
4
8
15
ms
THERMAL SHUTDOWN(2)
Thermal shutdown threshold
135
°C
Recovery from thermal shutdown
125
°C
Hysteresis
10
°C
(1)
Pulsed load testing used to maintain junction temperature close to ambient
(2)
The thermal shutdown only reacts under overcurrent conditions.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPS2062A TPS2066A


Número de pieza similar - TPS2062ADRBTG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2062 TI-TPS2062 Datasheet
713Kb / 27P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2062 TI-TPS2062 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2062 TI-TPS2062 Datasheet
1Mb / 35P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2062 TI-TPS2062 Datasheet
1Mb / 38P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2062 TI1-TPS2062 Datasheet
1Mb / 43P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
More results

Descripción similar - TPS2062ADRBTG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
   CURRENT LIMITED POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2062-1 TI-TPS2062-1 Datasheet
513Kb / 28P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2060 TI1-TPS2060_14 Datasheet
1Mb / 36P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B_0709 TI-TPS2041B_0709 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2061 TI-TPS2061_09 Datasheet
1Mb / 38P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2045A TI1-TPS2045A_16 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2000C TI1-TPS2000C_16 Datasheet
1Mb / 39P
[Old version datasheet]   Current Limited, Power-Distribution Switches
TPS2041B TI-TPS2041B_08 Datasheet
1Mb / 49P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B-Q1 TI-TPS2041B-Q1_10 Datasheet
599Kb / 29P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2045A TI-TPS2045A Datasheet
478Kb / 31P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com