Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TSCD022WUR Datasheet(PDF) 3 Page - TAITRON Components Incorporated

No. de pieza TSCD022WUR
Descripción Electrónicos  200mA Low Profile Chip Schottky Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TAITRON [TAITRON Components Incorporated]
Página de inicio  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

TSCD022WUR Datasheet(HTML) 3 Page - TAITRON Components Incorporated

  TSCD022WUR Datasheet HTML 1Page - TAITRON Components Incorporated TSCD022WUR Datasheet HTML 2Page - TAITRON Components Incorporated TSCD022WUR Datasheet HTML 3Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
200mA Low Profile Chip Schottky Rectifier
TSCD022WUR/TSCD024WUR
Rev. A/AH 2007-11-13
www.taitroncomponents.com
Page 3 of 3
Dimensions in mm
How to contact us:
US HEADQUARTERS
28040 WEST HARRISON PARKWAY, VALENCIA, CA 91355-4162
Tel: (800) TAITRON (800) 824-8766 (661) 257-6060
Fax: (800) TAITFAX (800) 824-8329 (661) 257-6415
Email: taitron@taitroncomponents.com
Http://www.taitroncomponents.com
TAITRON COMPONENTS MEXICO, S.A .DE C.V.
BOULEVARD CENTRAL 5000 INTERIOR 5 PARQUE INDUSTRIAL ATITALAQUIA, HIDALGO C.P.
42970 MEXICO
Tel: +52-55-5560-1519
Fax: +52-55-5560-2190
TAITRON COMPONENTS INCORPORATED REPRESENTAÇÕES DO BRASIL LTDA
RUA DOMINGOS DE MORAIS, 2777, 2.ANDAR, SALA 24 SAÚDE - SÃO PAULO-SP 04035-001 BRAZIL
Tel: +55-11-5574-7949
Fax: +55-11-5572-0052
TAITRON COMPONENTS INCORPORATED, SHANGHAI REPRESENTATIVE OFFICE
METROBANK PLAZA, 1160 WEST YAN’ AN ROAD, SUITE 1503, SHANGHAI, 200052, CHINA
Tel: +86-21-5424-9942
Fax: +86-21-5424-9931
C0402
(SOD-723)


Número de pieza similar - TSCD022WUR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TAITRON Components Inco...
TSCD022WS TAITRON-TSCD022WS Datasheet
243Kb / 4P
   200mA Low Profile Chip Schottky Rectifier
TSCD022WT TAITRON-TSCD022WT Datasheet
243Kb / 4P
   200mA Low Profile Chip Schottky Rectifier
TSCD022WTR TAITRON-TSCD022WTR Datasheet
243Kb / 4P
   200mA Low Profile Chip Schottky Rectifier
More results

Descripción similar - TSCD022WUR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TAITRON Components Inco...
TSCD022WT TAITRON-TSCD022WT Datasheet
243Kb / 4P
   200mA Low Profile Chip Schottky Rectifier
TSCD022WS TAITRON-TSCD022WS Datasheet
243Kb / 4P
   200mA Low Profile Chip Schottky Rectifier
TSCD032WS TAITRON-TSCD032WS Datasheet
236Kb / 4P
   300mA Low Profile Chip Schottky Rectifier
TSCDA12L TAITRON-TSCDA12L Datasheet
184Kb / 4P
   1.0A Low Profile Chip Schottky Rectifier
TSCD012WUR TAITRON-TSCD012WUR Datasheet
206Kb / 3P
   100mA Low Profile Chip Schottky Rectifier
TSCD032WT TAITRON-TSCD032WT Datasheet
239Kb / 4P
   300mA Low Profile Chip Schottky Rectifier
TSCD052WS TAITRON-TSCD052WS Datasheet
204Kb / 4P
   500mA Low Profile Chip Schottky Rectifier
TSCDA32 TAITRON-TSCDA32 Datasheet
215Kb / 4P
   3.0A Low Profile Chip Schottky Rectifier
TSCDA32L TAITRON-TSCDA32L Datasheet
176Kb / 4P
   3.0A Low Profile Chip Schottky Rectifier
TSCD12WS TAITRON-TSCD12WS Datasheet
270Kb / 4P
   1.0A Low Profile Chip Schottky Rectifier
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com