Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC10A4V Datasheet(PDF) 4 Page - Topstek Inc.

No. de pieza TC10A4V
Descripción Electrónicos  Topstek Current Transducer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOPSTEK [Topstek Inc.]
Página de inicio  http://www.topstek.com
Logo TOPSTEK - Topstek Inc.

TC10A4V Datasheet(HTML) 4 Page - Topstek Inc.

  TC10A4V Datasheet HTML 1Page - Topstek Inc. TC10A4V Datasheet HTML 2Page - Topstek Inc. TC10A4V Datasheet HTML 3Page - Topstek Inc. TC10A4V Datasheet HTML 4Page - Topstek Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Topstek Current Transducer TC5A .. TC50A
- 21 -
www.topstek.com
TC
V080201
7/1/2008
x
x
Pin Assignment
I-
I+
0V
VOUT
-15V
+15V
Model number and date code marking
TC50A-P
06322
2.2x4.9
hole
(mm)
d1xd2
(mm)
1.6x2.5
1.7
a*
(mm)
TC50A-P
Part
Number
TC50A-P PCB mounting hole layout
Appearance, dimensions and pin identification for TC50A-P model
All dimensions in mm ±0.1, holes –0, +0.2 except otherwise noted


Número de pieza similar - TC10A4V

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TiMOTION Technology Co....
TC10 TIMOTION-TC10 Datasheet
337Kb / 3P
   Max. output 29V DC, 12A
General Features
logo
Allied Components Inter...
TC100 ALLIED-TC100 Datasheet
378Kb / 1P
   Toroidal Chokes
TC100-100M-RC ALLIED-TC100-100M-RC Datasheet
377Kb / 1P
   Toroidal Chokes
TC100-100M-RC ALLIED-TC100-100M-RC Datasheet
378Kb / 1P
   Toroidal Chokes
TC100-101M-RC ALLIED-TC100-101M-RC Datasheet
377Kb / 1P
   Toroidal Chokes
More results

Descripción similar - TC10A4V

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Topstek Inc.
THP5A TOPSTEK-THP5A Datasheet
105Kb / 2P
   Topstek Current Transducer
TGD3A TOPSTEK-TGD3A Datasheet
93Kb / 2P
   Topstek Current Transducer
TQH5A TOPSTEK-TQH5A Datasheet
86Kb / 2P
   Topstek Current Transducer
TQDV25A TOPSTEK-TQDV25A Datasheet
105Kb / 2P
   Topstek Current Transducer
TQE-T5 TOPSTEK-TQE-T5 Datasheet
151Kb / 2P
   Topstek Current Transducer
TMC200A TOPSTEK-TMC200A Datasheet
124Kb / 2P
   Topstek Current Transducer
TMBH100A TOPSTEK-TMBH100A Datasheet
125Kb / 2P
   Topstek Current Transducer
TKP3A TOPSTEK-TKP3A Datasheet
83Kb / 2P
   Topstek Current Transducer
THDD5A TOPSTEK-THDD5A Datasheet
92Kb / 2P
   Topstek Current Transducer
TA5A4V TOPSTEK-TA5A4V Datasheet
175Kb / 4P
   Topstek Current Transducer
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com