Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC12.5A4V Datasheet(PDF) 2 Page - Topstek Inc.

No. de pieza TC12.5A4V
Descripción Electrónicos  Topstek Current Transducer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOPSTEK [Topstek Inc.]
Página de inicio  http://www.topstek.com
Logo TOPSTEK - Topstek Inc.

TC12.5A4V Datasheet(HTML) 2 Page - Topstek Inc.

  TC12.5A4V Datasheet HTML 1Page - Topstek Inc. TC12.5A4V Datasheet HTML 2Page - Topstek Inc. TC12.5A4V Datasheet HTML 3Page - Topstek Inc. TC12.5A4V Datasheet HTML 4Page - Topstek Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Topstek Current Transducer TC5A .. TC50A
- 19 -
www.topstek.com
TC
V080201
7/1/2008
Pin Assignment
I-
I+
0V
VOUT
-15V
+15V
Model number and date code marking
5A to 25A PCB mounting hole layout
TC5A4V
03262
1.5
TC20A4V
TC25A4V
TC15A4V
1.5
1.5
TC10A4V
1.4
TC12.5A4V
TC7.5A4V
1.3
e*
(mm)
d*
(mm)
0.7
1.2
a*
(mm)
TC5A4V
Part
Number
1.0
1.2
1.2
1.4
1.4
1.4
1.6
1.8
2.0
2.0
2.0
TC18.5A4V
1.4
1.5
1.4
1.2
1.8
2.2
Appearance, dimensions and pin identification for 5A to 25A models
All dimensions in mm ±0.1, holes –0, +0.2 except otherwise noted


Número de pieza similar - TC12.5A4V

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TelCom Semiconductor, I...
TC12 TELCOM-TC12 Datasheet
24Kb / 1P
   LOW COST, ONE WIRE DIGITAL THERMOMETER WITH SHUTDOWN
logo
SHENZHEN FUMAN ELECTRON...
TC12 FUMAN-TC12 Datasheet
250Kb / 6P
   Low power switching power supply controller
logo
TiMOTION Technology Co....
TC12 TIMOTION-TC12 Datasheet
1Mb / 8P
   Max. output 24VDC, 10A
20230925-P
logo
Kingbright Corporation
TC12-11EWA KINGBRIGHT-TC12-11EWA Datasheet
233Kb / 6P
   30 MM 5 X 7 DOT MATRIX DISPLAYS
TC12-11EWA KINGBRIGHT-TC12-11EWA Datasheet
147Kb / 4P
   30mm (1.2 INCH) 5x7 DOT MATRIX DISPLAY
More results

Descripción similar - TC12.5A4V

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Topstek Inc.
THP5A TOPSTEK-THP5A Datasheet
105Kb / 2P
   Topstek Current Transducer
TGD3A TOPSTEK-TGD3A Datasheet
93Kb / 2P
   Topstek Current Transducer
TQH5A TOPSTEK-TQH5A Datasheet
86Kb / 2P
   Topstek Current Transducer
TQDV25A TOPSTEK-TQDV25A Datasheet
105Kb / 2P
   Topstek Current Transducer
TQE-T5 TOPSTEK-TQE-T5 Datasheet
151Kb / 2P
   Topstek Current Transducer
TMC200A TOPSTEK-TMC200A Datasheet
124Kb / 2P
   Topstek Current Transducer
TMBH100A TOPSTEK-TMBH100A Datasheet
125Kb / 2P
   Topstek Current Transducer
TKP3A TOPSTEK-TKP3A Datasheet
83Kb / 2P
   Topstek Current Transducer
THDD5A TOPSTEK-THDD5A Datasheet
92Kb / 2P
   Topstek Current Transducer
TA5A4V TOPSTEK-TA5A4V Datasheet
175Kb / 4P
   Topstek Current Transducer
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com