Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM317 Datasheet(PDF) 3 Page - TAITRON Components Incorporated

No. de pieza LM317
Descripción Electrónicos  Adustable Positive Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TAITRON [TAITRON Components Incorporated]
Página de inicio  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

LM317 Datasheet(HTML) 3 Page - TAITRON Components Incorporated

  LM317 Datasheet HTML 1Page - TAITRON Components Incorporated LM317 Datasheet HTML 2Page - TAITRON Components Incorporated LM317 Datasheet HTML 3Page - TAITRON Components Incorporated LM317 Datasheet HTML 4Page - TAITRON Components Incorporated LM317 Datasheet HTML 5Page - TAITRON Components Incorporated LM317 Datasheet HTML 6Page - TAITRON Components Incorporated LM317 Datasheet HTML 7Page - TAITRON Components Incorporated LM317 Datasheet HTML 8Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Adjustable Positive Voltage Regulator
Rev. A/DX 2007-06-04
LM317
www.taitroncomponents.com
Page 3 of 8
Absolute Maximum Ratings (Ta=25° C, unless otherwise specified)
Symbol
Description
Ratings
Unit
VIN-VOUT
Input - Output Voltage Differential
40
V
IO
Max. Output Current
1.0
A
TJ
Operating Junction Temperature
125
° C
TOPR
Operating Temperature Range
-40 ~ 85
° C
TSTG
Storage Temperature Range
-40 ~ 150
° C
PD
Power Dissipation
Internal limited
mW
T: TO-220
5
MC: D2-PACK (TO-263)
5
D: D-PACK (TO-252)
12
RthJC
Thermal Resistance
Junction-Case
H: SOT-223
23
° C/W
T: TO-220
54
MC: D2-PACK (TO-263)
64
D: D-PACK (TO-252)
112
RthJA
Thermal Resistance
Junction-Ambient
H: SOT-223
165
° C/W
Note: Absolute maximum ratings are stress ratings only and functional device operation is not
implied. The device could be damaged beyond Absolute maximum ratings.
Electrical Characteristics
(VIN-VOUT=5V, IOUT=10mA, TA=25ºC, unless otherwise specified)
LM317
Symbol
Description
Min.
Typ.
Max.
Unit
Conditions
∆VOUT/VOUT
Line Regulation
-
0.01
0.04
%/V
3V≤VIN-VOUT≤40V
-
5
25
mV
10mA≤IOUT≤1A, VOUT5V
∆VOUT
Load Regulation
-
0.1
0.5
mV
10mA≤IOUT≤1A, VOUT5V
IADJ
Adjustable Pin Current
-
50
100
µA
-
∆IADJ
Adjustable Pin Current Change
-
0.2
5
µA
3V≤
VIN-VOUT≤40V,
10mA≤IOUT≤1A, PD≤20W
VREF
Reference Input Voltage
1.20
1.25
1.30
V
3V≤
VIN-VOUT≤40V,
10mA≤IOUT≤1A, PD≤20W
-
Temperature Stability
-
0.7
-
%/VOUT
TMIN≤TJ≤TMAX


Número de pieza similar - LM317

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM317 NSC-LM317 Datasheet
645Kb / 25P
   3-Terminal Adjustable Regulator
logo
Tiger Electronic Co.,Lt...
LM317 TGS-LM317 Datasheet
157Kb / 3P
   3-Terminal Positive Adjustable Regulator
logo
List of Unclassifed Man...
LM317 ETC2-LM317 Datasheet
281Kb / 4P
   3-TERMINAL 1A POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
LM317 ETL-LM317 Datasheet
255Kb / 5P
   HIGH CURRENT 1.3V TO 37V ADJUSTABLE VOLTAGE REGULATOR
logo
ON Semiconductor
LM317 ONSEMI-LM317 Datasheet
132Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
January, 2002 ??Rev. 3
More results

Descripción similar - LM317

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TAITRON Components Inco...
LA317 TAITRON-LA317 Datasheet
436Kb / 9P
   1.0A Adustable Positive Voltage Regulator
LA317L TAITRON-LA317L Datasheet
342Kb / 9P
   100mA Adustable Positive Voltage Regulator
logo
Rohm
BA00CC0WCP-V5 ROHM-BA00CC0WCP-V5 Datasheet
362Kb / 6P
   1A Low Dropout Voltage Regulator with Shut Down Switch(Adustable Voltage)
logo
SeCoS Halbleitertechnol...
SE78XX SECOS-SE78XX_15 Datasheet
422Kb / 5P
   Positive Voltage Regulator
SU78XX-B SECOS-SU78XX-B_15 Datasheet
534Kb / 4P
   Positive Voltage Regulator
SJ78M09 SECOS-SJ78M09_15 Datasheet
85Kb / 2P
   Positive Voltage Regulator
SSC2146 SECOS-SSC2146 Datasheet
979Kb / 5P
   Positive Voltage Regulator
SL2136 SECOS-SL2136 Datasheet
614Kb / 4P
   Positive Voltage Regulator
logo
Weitron Technology
WT78LXX WEITRON-WT78LXX Datasheet
1Mb / 10P
   Positive Voltage Regulator
logo
Unisonic Technologies
UR6225 UTC-UR6225_18 Datasheet
409Kb / 15P
   POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com