Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ST72632 Datasheet(PDF) 8 Page - STMicroelectronics |
|
ST72632 Datasheet(HTML) 8 Page - STMicroelectronics |
8 / 109 page ST7263 8/109 *: if the peripheral is present on the device (see Table 1 Device Summary) Legend / Abbreviations for Figure 2 and Table 2: Type: I = input, O = output, S = supply In/Output level: CT = CMOS 0.3VDD/0.7VDD with input trigger Output level: 10mA = 10mA high sink (on N-buffer only) 25mA = 25mA very high sink (on N-buffer only) Port and control configuration: – Input: float = floating, wpu = weak pull-up, int = interrupt, ana = analog – Output: OD = open drain, PP = push-pull, T = True open drain Refer to “I/O PORTS” on page 25 for more details on the software configuration of the I/O ports. The RESET configuration of each pin is shown in bold. This configuration is kept as long as the device is under reset state. 20 21 PA5/ICAP2/IT2 I/O CT X XX Port A5 Timer Input Capture 2 21 22 PA4/ICAP1/IT1 I/O CT X XX Port A4 Timer Input Capture 1 22 23 PA3/EXTCLK I/O CT X X Port A3 Timer External Clock 23 24 PA2/SCL I/O CT 25mA X T Port A2 I2C serial clock *) -- 25 NC -- Not connected 24 26 NC -- Not connected 25 27 NC -- Not connected 26 28 PA1/SDA I/O CT 25mA X T Port A1 I2C serial data *) 27 29 PA0/MCO I/O CT XX Port A0 Main Clock Output 28 30 VSSA S Analog ground 29 31 USBDP I/O USB bidirectional data (data +) 30 32 USBDM I/O USB bidirectional data (data -) 31 33 USBVCC O USB power supply 32 34 VDDA S Analog supply voltage Pin n° Pin Name Level Port / Control Main Function (after reset) Alternate Function Input Output |
Número de pieza similar - ST72632 |
|
Descripción similar - ST72632 |