Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ST7265C6T0 Datasheet(PDF) 6 Page - STMicroelectronics |
|
ST7265C6T0 Datasheet(HTML) 6 Page - STMicroelectronics |
6 / 166 page ST7265x 6/166 INTRODUCTION (Cont’d) Figure 3. ST7265x Block Diagram 8-BIT CORE ALU OSCIN OSCOUT RESET DATA PD[7:0] (8 bits) 12MHz fCPU CONTROL RAM (0.5/5 KBytes) PROGRAM (16/32 Kbytes) MEMORY 16-BIT TIMER* LVD* WATCHDOG VDDA VPP USBDP USBDM USBVCC * not on all products (refer to Table 1: Device Summary) TRANSFER COPROCESSOR PORT C PORT E PORT D PE[7:0] (8 bits) PC[7:0] (8 bits) PB[7:0] (8 bits) PA[7:0] (8 bits) PORT F PF[6:0] (7 bits) 8-BIT ADC* I2C* FLASH SUPPLY VDDF VSSA POWER SUPPLY DUAL SUPPLY USBVSS MANAGER * BLOCK 48MHz PLL CLOCK DIVIDER OSC USB VSSF USBVDD VSS1, VSS2 VDD1,VDD2 PWM* PORT B PORT A DATA TRANSFER BUFFER (1280 bytes) DTC S/W RAM (256 Bytes) REGULATOR SPI * 1 |
Número de pieza similar - ST7265C6T0 |
|
Descripción similar - ST7265C6T0 |