Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SD551-23-41-221 Datasheet(PDF) 1 Page - Advanced Photonix, Inc.

No. de pieza SD551-23-41-221
Descripción Electrónicos  High Voltage P-Type Quad Silicon Detector
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ADVANCEDPHOTONIX [Advanced Photonix, Inc.]
Página de inicio  http://www.advancedphotonix.com
Logo ADVANCEDPHOTONIX - Advanced Photonix, Inc.

SD551-23-41-221 Datasheet(HTML) 1 Page - Advanced Photonix, Inc.

  SD551-23-41-221 Datasheet HTML 1Page - Advanced Photonix, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FEATURES
DESCRIPTION
APPLICATIONS
• Large active area
• Low Capacitance
• High speed
• High responsivity
SYMBOL
PARAMETER
MIN
MAX
UNITS
VBR
Reverse Voltage
180
V
TSTG
Storage Temperature
-55
+100
°C
TO
Operating Temperature
-40
+85
°C
TS
Soldering Temperature*
+260
°C
SYMBOL
CHARACTERISTIC
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ID
Dark Current
VR = 180 V
40
1000
nA
CJ
Junction Capacitance
VR = 180 V, f = 100 KHz
12
15
pF
R
Responsivity
l= 1064nm, VR =180V
0.41
0.48
A/W
VBR
Breakdown Voltage
I = 10 μA
200
V
NEP
Noise Equivalent Power
VR = 180V @ l=1064
2.3x10
-13
W/ √ Hz
tr
Response Time**
RL = 50 Ω,VR = 180V
10
12
nS
High Voltage P-Type Quad Silicon Detector
SD 551-23-41-221
PACKAGE DIMENSIONS INCH [mm]
TO-46 PACKAGE
The SD 551-23-41-221 is a NIR enhanced silicon
P-type detector used for applications requiring fast
response with low capacitance and high responsivity
packaged in a hermetic TO-8 metal package.
• Laser guided munition
* 1/16 inch from case for 3 seconds max.
ELECTRO-OPTICAL CHARACTERISTICS RATING (TA)= 23°C UNLESS OTHERWISE NOTED
**Response time of 10% to 90% is specified at 660nm wavelength light.
Information in this technical datasheet is believed to be correct and reliable. However, no responsibility is assumed for possible inaccuracies or omission. Specifications are
subject to change without notice.
Advanced Photonix Inc. 1240 Avenida Acaso, Camarillo CA 93012 • Phone (805) 987-0146 • Fax (805) 484-9935 • www.advancedphotonix.com
REV 4/21/06
ABSOLUTE MAXIMUM RATING (TA)= 23°C UNLESS OTHERWISE NOTED
CHIP DIMENSIONS INCH [mm]
PACKAGE DIMENSIONS INCH [mm]
CHIP DIMENSIONS INCH [mm]
TO-8 PACKAGE
.645 [16.38]
.645 [16.38]
8X 45°
.010 [0.25] GAP
.010 [0.25] GAP
Ø.550 [13.97] ACTIVE AREA
GUARD RING
4X CATHODE PADS
SCHEMATIC
A
D
B
C
.105 [2.67]
.337 [8.56]
7X .440 [11.18]
1
2
3
4
5
6
7
CATHODE A (PIN 4)
CATHODE B (PIN 6)
CATHODE C (PIN 1)
CATHODE D (PIN 2)
GUARD RING (PIN 3)
COMMON ANODE (PIN 7)
CASE GROUND (PIN 5)
7X Ø.018 [0.46]
Ø.730 [18.54]
Ø.955 [24.27]
Ø1.032 [26.21]
45°
Ø.730 [18.54]
PIN CIRCLE
30°
30°
30°
30°
.010 [0.25] MAX
A
D
B
C
GLASS ABOVE
CAP TOP EDGE
43°
VIEWING
ANGLE
D
A
B
C


Número de pieza similar - SD551-23-41-221

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SHOUDING Shouding Semic...
SD5510 SHOUDING-SD5510 Datasheet
2Mb / 9P
   Single LIthIum ion battery charger and constant 5 V booster controller
More results

Descripción similar - SD551-23-41-221

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Maxim Integrated Produc...
MAX16063 MAXIM-MAX16063 Datasheet
183Kb / 13P
   1% Accurate, Low-Voltage, Quad Window Voltage Detector
Rev 0; 4/08
logo
List of Unclassifed Man...
MBT5401 ETC-MBT5401 Datasheet
34Kb / 1P
   SILICON P-N-P HIGH-VOLTAGE TRANSISTOR
logo
Continental Device Indi...
CMBT5401 CDIL-CMBT5401 Datasheet
105Kb / 3P
   SILICON P-N-P HIGH-VOLTAGE TRANSISTOR
logo
New Jersey Semi-Conduct...
BUX66 NJSEMI-BUX66 Datasheet
138Kb / 3P
   High Voltage Silicon P-N-P Transistors
logo
Central Semiconductor C...
MPQ7093 CENTRAL-MPQ7093_15 Datasheet
658Kb / 3P
   SILICON HIGH VOLTAGE QUAD PNP TRANSISTOR
logo
Analog Devices
AD8214 AD-AD8214 Datasheet
398Kb / 16P
   High Voltage Threshold Detector
REV. 0
logo
Seiko Instruments Inc
S-807 SII-S-807 Datasheet
336Kb / 42P
   HIGH-PRECISION VOLTAGE DETECTOR
logo
EM Microelectronic - MA...
EM6352 EMMICRO-EM6352 Datasheet
409Kb / 7P
   Voltage Detector, High-Precision
logo
Sharp Corporation
IS489 SHARP-IS489 Datasheet
44Kb / 3P
   Low Voltage Operating Type High Sensitivity OPIC Light Detector
logo
Torex Semiconductor
XC6109_005 TOREX-XC6109_005 Datasheet
284Kb / 14P
   Voltage Detector with Delay Type Capacitor
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com