Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ST7265AR6M1E Datasheet(PDF) 5 Page - STMicroelectronics |
|
ST7265AR6M1E Datasheet(HTML) 5 Page - STMicroelectronics |
5 / 166 page ST7265x 5/166 INTRODUCTION (Cont’d) In addition to the peripherals for USB full speed data transfer, the ST7265x includes all the neces- sary features for stand-alone applications with FLASH mass storage. – Low voltage reset ensuring proper power-on or power-off of the device (not on all products) – Digital Watchdog – 16-bit Timer with 2 output compare functions (not on all products - see device summary). – Two 10-bit PWM outputs (not on all products - see device summary) – Serial Peripheral interface (not on all products - see device summary) – Fast I2C Single Master interface (not on all prod- ucts - see device summary) – 8-bit Analog-to-Digital converter (ADC) with 8 multiplexed analog inputs (not on all products - see device summary) The ST72F65x are the Flash versions of the ST7265x in a TQFP64 package. The ST7265x are the ROM versions in a TQFP64 package. Figure 2. Digital Audio Player Application Example in Play Mode 512-byte RAM Buffer 512-byte RAM Buffer DATA COPROCESSOR DATA TRANSFER BUFFER LEVEL SHIFTERS MASS DEVICE ST7 CORE STORAGE TRANSFER (DTC) ARBITRATION BUFFER ACCESS DIGITAL AUDIO DEVICE I2C 1 |
Número de pieza similar - ST7265AR6M1E |
|
Descripción similar - ST7265AR6M1E |