Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

P-50AZ50 Datasheet(PDF) 1 Page - Advanced Photonix, Inc.

No. de pieza P-50AZ50
Descripción Electrónicos  An ultrafast, InGaAs PIN photodetector designed
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ADVANCEDPHOTONIX [Advanced Photonix, Inc.]
Página de inicio  http://www.advancedphotonix.com
Logo ADVANCEDPHOTONIX - Advanced Photonix, Inc.

P-50AZ50 Datasheet(HTML) 1 Page - Advanced Photonix, Inc.

  P-50AZ50 Datasheet HTML 1Page - Advanced Photonix, Inc. P-50AZ50 Datasheet HTML 2Page - Advanced Photonix, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
P-50A
Product Bulletin (Target) • February 2002
• Ultrafast PIN detector module
• High bandwidth, 50 GHz
• 0.65 A/W responsivity
• 8 ps risetime
• Front-end for 40 Gb/s receivers
• 50 ∑ internal termination
The P-50A is an ultrafast, InGaAs PIN
photodetector designed as an O/E front-
end for OC-768, 40 Gb/s, RZ and NRZ
systems. The proprietary, back-illuminated
semiconductor diode design optimizes
speed and sensitivity for both 1310 nm
and 1550 nm wavelengths, while the
internal, ceramic waveguide design
assures a clean pulse response necessary
for low group-delay, time-domain, digital
applications.
The detector is mounted in a compact
8-pin butterfly-style package with an
Anritsu-V output connector with 50
internal termination for low output
VSWR, and standard single-mode input
fiber. The hermetic module is Telcordia
compliant.
Specifications
Minimum
Typical
Maximum
Units
Wavelength range
1200
1650
nm
Bandwidth (-3dB electrical)
48
50
GHz
Low frequency cutoff
DC
kHz
Risetime (10-90%)
8
ps
Overload
+3
dBm
Responsivity @ 1310 nm
0.55
0.65
A/W
Responsivity @ 1550 nm
0.5
0.6
A/W
Optical Return Loss
-30
dB
Polarization Dep. Responsivity
0.1
0.2
dB
Output termination
50
DC Electrical
Photodiode voltage
+4
+5
+6
V
Mechanical
Package type
8-pin module with V connector
Operating temperature
-40
+85
°C
Storage temperature
-40
+85
°C


Número de pieza similar - P-50AZ50

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
P-5015 ETC2-P-5015 Datasheet
416Kb / 3P
   POWER TRANS FORMERS
P-5016 ETC2-P-5016 Datasheet
416Kb / 3P
   POWER TRANS FORMERS
More results

Descripción similar - P-50AZ50

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advanced Photonix, Inc.
P-18A ADVANCEDPHOTONIX-P-18A Datasheet
99Kb / 2P
   An ultrafast, InGaAs PIN photodetector
P-20A ADVANCEDPHOTONIX-P-20A Datasheet
102Kb / 2P
   An ultrafast, InGaAs PIN photodetector module
P-15B ADVANCEDPHOTONIX-P-15B Datasheet
100Kb / 2P
   An ultrafast, InGaAs PIN photodetector module
logo
List of Unclassifed Man...
SD039-151-011 ETC2-SD039-151-011 Datasheet
226Kb / 2P
   InGaAs Photodetector
logo
Luna Innovations Incorp...
SD039-151-011 LUNA-SD039-151-011 Datasheet
166Kb / 2P
   InGaAs Photodetector
logo
Advanced Photonix, Inc.
SD039-151-011 ADVANCEDPHOTONIX-SD039-151-011 Datasheet
400Kb / 2P
   InGaAs Photodetector
logo
List of Unclassifed Man...
SD012-151-011 ETC2-SD012-151-011 Datasheet
158Kb / 2P
   InGaAs Photodetector
logo
Luna Innovations Incorp...
SD012-151-011 LUNA-SD012-151-011 Datasheet
158Kb / 2P
   InGaAs Photodetector
logo
Advanced Photonix, Inc.
SD012-151-011 ADVANCEDPHOTONIX-SD012-151-011 Datasheet
354Kb / 2P
   InGaAs Photodetector
logo
List of Unclassifed Man...
SD012-151-001 ETC2-SD012-151-001 Datasheet
160Kb / 2P
   Surface Mount InGaAs Photodetector
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com