Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMAJ11CA Datasheet(PDF) 2 Page - TAITRON Components Incorporated

No. de pieza SMAJ11CA
Descripción Electrónicos  400W Surface Mount Transient Voltage Suppressor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TAITRON [TAITRON Components Incorporated]
Página de inicio  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

SMAJ11CA Datasheet(HTML) 2 Page - TAITRON Components Incorporated

  SMAJ11CA Datasheet HTML 1Page - TAITRON Components Incorporated SMAJ11CA Datasheet HTML 2Page - TAITRON Components Incorporated SMAJ11CA Datasheet HTML 3Page - TAITRON Components Incorporated SMAJ11CA Datasheet HTML 4Page - TAITRON Components Incorporated SMAJ11CA Datasheet HTML 5Page - TAITRON Components Incorporated SMAJ11CA Datasheet HTML 6Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
400W Surface Mount Transient Voltage Suppressor
Rev. D/AH 2007-08-01
www.taitroncomponents.com
Page 2 of 6
SMAJ5.0A~170CA
Mechanical Data
Case:
JEDEC DO-214AC molded plastic
Epoxy:
Meets UL 94V-0 flammability rating
Terminals:
Plated axial leads, solderable per MIL-STD-750,
Method 2026
Polarity:
Cathode indicated by color band
Mounting position:
Any
Weight:
0.002 ounces, 0.064 gram
Electrical Characteristics (T Ambient=25ºC unless noted otherwise)
Breakdown Voltage
@ Test Current
P/N (note1)
Device
Marking
Code
Stand-Off
Voltage
V BR
Max.
Clamping
Voltage @
IPPM
Max.
Peak
Pulse
Current
Max.
Reverse
Leakage
Current
@
V WM
Uni-Polar
Bi-Polar
Uni
Bi
V WM (V)
Min.
Max.
IT(mA)
VC (V)
IPPM (A)
ID (
µA)
(note2)
SMAJ5.0A
SMAJ5.0CA
AE
WE
5.0
6.4
7.08
9.2
43.5
800/1600
SMAJ6.0A
SMAJ6.0CA
AG
WG
6.0
6.67
7.37
10.3
38.8
800/1600
SMAJ6.5A
SMAJ6.5CA
AK
WK
6.5
7.22
7.98
11.2
35.7
500/1000
SMAJ7.0A
SMAJ7.0CA
AM
WM
7.0
7.78
8.6
10
12.0
33.3
200/400
SMAJ7.5A
SMAJ7.5CA
AP
WP
7.5
8.33
9.21
12.9
31.0
100/200
SMAJ8.0A
SMAJ8.0CA
AR
WR
8.0
8.89
9.83
13.6
29.4
50/100
SMAJ8.5A
SMAJ8.5CA
AT
WT
8.5
9.44
10.4
14.4
27.8
10/20
SMAJ9.0A
SMAJ9.0CA
AV
WV
9.0
10.0
11.1
1.0
15.4
26.0
5/10
SMAJ10A
SMAJ10CA
AX
WX
10
11.1
12.3
1.0
17.0
23.5
1/2
SMAJ11A
SMAJ11CA
AZ
WZ
11
12.2
13.5
18.2
22.0
SMAJ12A
SMAJ12CA
BE
XE
12
13.3
14.7
19.9
20.1
SMAJ13A
SMAJ13CA
BG
XG
13
14.4
15.9
1.0
21.5
18.6
1.0
SMAJ14A
SMAJ14CA
BK
XK
14
15.6
17.2
23.2
17.2
SMAJ15A
SMAJ15CA
BM
XM
15
16.7
18.5
24.4
16.4
SMAJ16A
SMAJ16CA
BP
XP
16
17.8
19.7
26.0
15.4
SMAJ17A
SMAJ17CA
BR
XR
17
18.9
20.9
1.0
27.6
14.5
1.0


Número de pieza similar - SMAJ11CA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bytes
SMAJ11CA BYTES-SMAJ11CA Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Guangdong Youtai Semico...
SMAJ11CA UMW-SMAJ11CA Datasheet
783Kb / 4P
   5.0V-188V 400W
logo
Diodes Incorporated
SMAJ11CA DIODES-SMAJ11CA Datasheet
118Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
SMAJ11CA DIOTECH-SMAJ11CA Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Anova Technologies CO.,...
SMAJ11CA ANOVA-SMAJ11CA Datasheet
348Kb / 4P
   Surface Mount Transient Voltage Suppressors
More results

Descripción similar - SMAJ11CA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
SMAJ18A-13 DIODES-SMAJ18A-13 Datasheet
118Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMAJ10A-13 DIODES-SMAJ10A-13 Datasheet
118Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
P4SMAJ5.0ADF DIODES-P4SMAJ5.0ADF Datasheet
426Kb / 6P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMAJ50CA DIODES-SMAJ50CA_1 Datasheet
81Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19005 Rev. 13 - 2
logo
Won-Top Electronics
P4SMAJ WTE-P4SMAJ_06 Datasheet
81Kb / 6P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
TAITRON Components Inco...
SMAJ5 TAITRON-SMAJ5 Datasheet
160Kb / 6P
   400W Surface Mount Transient Voltage Suppressor
logo
Frontier Electronics.
P4SMAJ5.0 FRONTIER-P4SMAJ5.0 Datasheet
135Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SM2615 DIODES-SM2615 Datasheet
146Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
P4SMAJ180 WTE-P4SMAJ180 Datasheet
69Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
PSMAJ400A DIODES-PSMAJ400A Datasheet
114Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev. 3 - 2 November 2012
SMAJ8.5CA DIODES-SMAJ8.5CA Datasheet
79Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19005 Rev. 10 - 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com