Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STE520CT5 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

No. de pieza STE520CT5
Descripción Electrónicos  6 Pad Clipped Sinewave TCXO Oscillator
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

STE520CT5 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  STE520CT5 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
STE Series
6 Pad Clipped Sinewave TCXO Oscillator
ELECTRICAL SPECIFICATIONS
Revision: 2003-C
Frequency Range
9.600MHz to 35.000MHz
Frequency Stability
All values inclusive of temperature, aging, and load
See Table 1 Above.
Operating Temperature Range
See Table 1 Above.
Storage Temperature Range
-40°C to 85°C
Supply Voltage
5 VDC ±5%
Load Drive Capability
10kOhms // 10pF
Output Voltage
1Vp-p Minimum
Internal Trim (Top of Can)
±3ppm Minimum
Control Voltage (External)
2.5Vdc ±2.0Vdc
Positive Transfer Characteristics
Frequency Deviation
±5ppm Minimum Over Control Voltage
Aging (@ 25°C)
±1ppm / year Maximum
Frequency Stability
Vs. Operating Temperature
See Table 1 Above.
Vs. Inpput Voltage (±5%)
±0.3ppm Maximum
Vs. Load (±2kOhms // ±2pF)
±0.3ppm Maximum
Input Current
9.600MHz to 20.000MHz
1.5mA Maximum
20.001MHz to 29.999MHz
2.0mA Maximum
30.000MHz to 35.000MHz
3.0mA Maximum
MECHANICAL DIMENSIONS
Marking Guide on page F3-F4
Operating
Temperature
Frequency Stability (±ppm)
* Denotes Availability of Options
Range
1.5ppm
2.0ppm
2.5ppm
3.0ppm
3.5ppm
5.0ppm
Code
15
20
25
30
35
50
0 to 50°C
A
*
*
*
*
*
*
-10 to 60°C
B
*
*
*
*
*
*
-20 to 70°C
C
*
*
*
*
*
*
-30 to 60°C
D
*
*
*
*
*
-30 to 75°C
E
*
*
*
*
*
-35 to 85°C
F
*
*
*
*
-40 to 80°C
G
*
*
*
TEL 949-366-8700
FAX 949-366-8707
WEB http://www.caliberelectronics.com
PART NUMBERING GUIDE
Environmental/Mechanical Specifications on page F5
Supply Voltage
3=3.3Vdc / 5=5.0Vdc
Frequency Stability
Table 1
Operating Temp. Range
Table 1
STE 3 25 D S 5 - 20.480M
Frequency
M=MHz
Frequency Deviation
Blank=No Connection (TCXO)
5=±5ppm Min. / 10=±10ppm Min.
Output
T=TTL / M=HCMOS / C=Compatible /
S=Clipped Sinewave
CAL I BER
Electr on ics In c.
Lead-Free
RoHS Compliant


Número de pieza similar - STE520CT5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Caliber Electronics Inc...
STE520CT5 CALIBER-STE520CT5 Datasheet
45Kb / 1P
   6 Pad Clipped Sinewave TCXO Oscillator
More results

Descripción similar - STE520CT5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Caliber Electronics Inc...
STE315AT5 CALIBER-STE315AT5 Datasheet
45Kb / 1P
   6 Pad Clipped Sinewave TCXO Oscillator
logo
List of Unclassifed Man...
CVTC325B5 ETC2-CVTC325B5 Datasheet
35Kb / 1P
   4 Pad Clipped Sinewave VC - TCXO Oscillator
logo
Caliber Electronics Inc...
CVTC CALIBER-CVTC Datasheet
40Kb / 1P
   4 Pad Clipped Sinewave VC - TCXO Oscillator
logo
Suntsu Electronics, Inc...
STC21K SUNTSU-STC21K Datasheet
440Kb / 3P
   Ceramic SMT 6 Pad Clipped Sinewave (VC)TCXO
STC32K SUNTSU-STC32K Datasheet
902Kb / 4P
   Ceramic SMT 4 Pad Clipped Sinewave (VC)TCXO
STC75K SUNTSU-STC75K Datasheet
788Kb / 4P
   Ceramic SMT 10 Pad Clipped Sinewave (VC)TCXO
STC22K SUNTSU-STC22K Datasheet
600Kb / 3P
   Ceramic SMT 4 Pad Clipped Sinewave (VC)TCXO
STC53K SUNTSU-STC53K Datasheet
837Kb / 4P
   Ceramic SMT 4 Pad Clipped Sinewave (VC)TCXO
STC11K SUNTSU-STC11K Datasheet
335Kb / 3P
   Ceramic SMD 4 Pad Clipped Sinewave (VC)TCXO
logo
EUROQUARTZ limited
EM62GS EUROQUARTZ-EM62GS Datasheet
133Kb / 1P
   Clipped Sinewave, 6 Pad FR4 substrate SMD
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com