Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BTA06-600B Datasheet(PDF) 3 Page - SemiWell Semiconductor

No. de pieza BTA06-600B
Descripción Electrónicos  Bi-Directional Triode Thyristor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SEMIWELL [SemiWell Semiconductor]
Página de inicio  http://www.semiwellsemi.co.kr
Logo SEMIWELL - SemiWell Semiconductor

BTA06-600B Datasheet(HTML) 3 Page - SemiWell Semiconductor

  BTA06-600B Datasheet HTML 1Page - SemiWell Semiconductor BTA06-600B Datasheet HTML 2Page - SemiWell Semiconductor BTA06-600B Datasheet HTML 3Page - SemiWell Semiconductor BTA06-600B Datasheet HTML 4Page - SemiWell Semiconductor BTA06-600B Datasheet HTML 5Page - SemiWell Semiconductor BTA06-600B Datasheet HTML 6Page - SemiWell Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
0123
45678
90
100
110
120
130
θ = 90
o
θ = 150
o
θ = 60
o
θ = 30
o
θ = 180
o
θ = 120
o
RMS On-State Current [A]
0123
45
678
0
1
2
3
4
5
6
7
8
9
10
θ = 90
o
θ = 150
o
θ = 60
o
θ = 30
o
θ = 180
o
θ = 120
o
RMS On-State Current [A]
-50
0
50
100
150
0.1
1
10
V
+
GT1
V
_
GT1
V
_
GT3
Junction Temperature [
oC]
0.5
1.0
1.5
2.0
2.5
3.0
3.5
10
0
10
1
10
2
T
J = 25
oC
T
J = 125
oC
On-State Voltage [V]
10
0
10
1
10
2
0
10
20
30
40
50
60
70
80
60Hz
50Hz
Time (cycles)
10
1
10
2
10
3
10
-1
10
0
10
1
V
GD (0.2V)
25 ℃
P
G(AV) (0.3W)
P
GM (3W)
V
GM (10V)
Gate Current [mA]
3/6
Fig 1. Gate Characteristics
Fig 2. On-State Voltage
Fig 3. On State Current vs.
Maximum Power Dissipation
Fig 4. On State Current vs.
Allowable Case Temperature
Fig 5. Surge On-State Current Rating
( Non-Repetitive )
Fig 6. Gate Trigger Voltage vs.
Junction Temperature
θ
θ
2
π
360°
π
θ : Conduction Angle
θ
θ
2
π
360°
π
θ : Conduction Angle
BTA06-600B


Número de pieza similar - BTA06-600B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
BTA06-600B STMICROELECTRONICS-BTA06-600B Datasheet
65Kb / 6P
   SNUBBERLESS?? LOGIC LEVEL & STANDARD
logo
List of Unclassifed Man...
BTA06-600B ETC1-BTA06-600B Datasheet
645Kb / 6P
   Bi-Directional Triode Thyristor
logo
STMicroelectronics
BTA06-600B STMICROELECTRONICS-BTA06-600B Datasheet
64Kb / 5P
   STANDARD TRIACS
logo
JIEJIE MICROELECTRONICS...
BTA06-600B JIEJIE-BTA06-600B Datasheet
578Kb / 5P
   6A TRIACs
logo
Tiger Electronic Co.,Lt...
BTA06-600B TGS-BTA06-600B Datasheet
93Kb / 1P
   6A TRIACS
More results

Descripción similar - BTA06-600B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
STF4A60 ETC1-STF4A60 Datasheet
655Kb / 6P
   Bi-Directional Triode Thyristor
logo
SemiWell Semiconductor
BT134F SEMIWELL-BT134F Datasheet
651Kb / 6P
   Bi-Directional Triode Thyristor
BT138F-600 SEMIWELL-BT138F-600 Datasheet
681Kb / 6P
   Bi-Directional Triode Thyristor
STR2A60 SEMIWELL-STR2A60 Datasheet
487Kb / 5P
   Bi-Directional Triode Thyristor
STR4A80 SEMIWELL-STR4A80 Datasheet
601Kb / 6P
   Bi-Directional Triode Thyristor
STW25A60 SEMIWELL-STW25A60_07 Datasheet
536Kb / 5P
   Bi-Directional Triode Thyristor
logo
Shenzhen Winsemi Microe...
WTF12A60 WINSEMI-WTF12A60 Datasheet
489Kb / 6P
   Bi-Directional Triode Thyristor
WTPA24A60BW WINSEMI-WTPA24A60BW Datasheet
382Kb / 5P
   Bi-Directional Triode Thyristor
logo
List of Unclassifed Man...
BT134-F ETC-BT134-F Datasheet
670Kb / 6P
   BI- DIRECTIONAL TRIODE THYRISTOR
logo
SemiWell Semiconductor
STF12A60 SEMIWELL-STF12A60 Datasheet
728Kb / 6P
   Bi-Directional Triode Thyristor
BT136-D SEMIWELL-BT136-D Datasheet
605Kb / 5P
   Bi-Directional Triode Thyristor
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com