Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LSWM-322522-8R2J-B Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

No. de pieza LSWM-322522-8R2J-B
Descripción Electrónicos  Wound Molded Chip Inductor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

LSWM-322522-8R2J-B Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LSWM-322522-8R2J-B Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Dimensions
Part Numbering Guide
Dimensions
Packaging Style
(Length, Width, Height)
B=Bulk
T=Tape & Reel
Inductance Code
(2000 pcs per reel)
Tolerance
J=5%, K=10%, M=20%
LSWM - 322522 - R10 M - T
Wound Molded Chip Inductor
(LSWM-322522 Series)
Features
Inductance Range
0.10 µH to 220 µH
Tolerance
5%, 10%, 20%
Construction
Heat resistant resin with metal terminals
Dimensions in mm
Specifications subject to change without notice.
Rev. 10/00
3.2 ± 0.2
180K
1.4 ± 0.1
2.5 ± 0.2
2.2 ± 0.2
Top View - Markings
(Not to scale)
Electrical Specifications
Inductance
Code
Inductance
(µH)
Q
Min
LQ Test Freq
(MHz)
SRF Min
(MHz)
DCR Max
(Ohms)
IDC Max
(mA)
R10
0.10
28
100.0
450
0.25
450
R22
0.22
30
25.20
350
0.32
450
R33
0.33
30
25.20
300
0.40
450
R39
0.39
30
25.20
250
0.45
450
R68
0.68
30
25.20
160
0.60
450
1R0
1.00
30
7.960
120
0.70
400
1R2
1.20
30
7.960
100
0.75
390
1R5
1.50
30
7.960
85
0.85
370
1R8
1.80
30
7.960
80
0.90
350
2R2
2.20
30
7.960
75
1.00
320
2R7
2.70
30
7.960
70
1.10
290
3R3
3.30
30
7.960
60
1.20
260
3R9
3.90
30
7.960
55
1.30
250
4R7
4.70
30
7.960
50
1.50
220
5R6
5.60
30
7.960
47
1.60
200
6R8
6.80
30
7.960
43
1.80
180
8R2
8.20
30
7.960
40
2.00
170
100
10
30
2.520
36
2.10
150
120
12
30
2.520
33
2.50
140
150
15
30
2.520
30
2.80
130
180
18
30
2.520
27
3.30
120
220
22
30
2.520
25
3.70
110
270
27
30
2.520
20
5.00
80
330
33
30
2.520
17
5.60
70
390
39
30
2.520
16
6.40
65
470
47
30
2.520
15
7.00
60
560
56
30
2.520
13
8.00
55
680
68
30
2.520
12
9.00
50
820
82
30
2.520
11
10.0
45
101
100
20
0.796
10
10.0
40
121
120
20
0.796
10
11.0
70
221
220
20
0.796
7
21.0
50
151
150
20
0.796
8
15.0
65
181
180
20
0.796
7
17.0
60
TEL 949-366-8700
FAX 949-366-8707
WEB www.caliberelectronics.com
CAL I B E R
ELE C T R O N I C S
I N C .
specifications subject to change * revision 3-2003


Número de pieza similar - LSWM-322522-8R2J-B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Caliber Electronics Inc...
LSWM-322522-8R2J-B CALIBER-LSWM-322522-8R2J-B Datasheet
25Kb / 1P
   Wound Molded Chip Inductor
More results

Descripción similar - LSWM-322522-8R2J-B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Caliber Electronics Inc...
LSWM-322522 CALIBER-LSWM-322522 Datasheet
25Kb / 1P
   Wound Molded Chip Inductor
LSWM-453232 CALIBER-LSWM-453232 Datasheet
29Kb / 1P
   Wound Molded Chip Inductor
logo
List of Unclassifed Man...
LSWM-453232 ETC2-LSWM-453232 Datasheet
28Kb / 1P
   Wound Molded Chip Inductor
logo
Abracon Corporation
AISM-1812H ABRACON-AISM-1812H Datasheet
1Mb / 3P
   SMD MOLDED WOUND CHIP INDUCTOR
03.19.14
AISM-1008 ABRACON-AISM-1008 Datasheet
2Mb / 4P
   SMD Molded Wound Chip inductor
08.11.09
AISM-2220 ABRACON-AISM-2220 Datasheet
948Kb / 2P
   MOLDED FERRITE WIRE WOUND CHIP INDUCTOR
09.09.10
logo
Panasonic Semiconductor
ELJ-FA100JF PANASONIC-ELJ-FA100JF Datasheet
96Kb / 4P
   General use wire wound, resin molded chip inductor.
logo
ABC Taiwan Electronics ...
CM3225R12ML ABC-CM3225R12ML Datasheet
553Kb / 8P
   WOUND CHIP INDUCTOR
CM4532R10ML ABC-CM4532R10ML Datasheet
583Kb / 8P
   WOUND CHIP INDUCTOR
SW2022R47K2 ABC-SW2022R47K2 Datasheet
614Kb / 8P
   WOUND CHIP INDUCTOR
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com