Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ST72532R4T7S Datasheet(PDF) 10 Page - STMicroelectronics |
|
ST72532R4T7S Datasheet(HTML) 10 Page - STMicroelectronics |
10 / 164 page ST72311R, ST72511R, ST72512R, ST72532R 10/164 Notes: 1. In the interrupt input column, “eiX” defines the associated external interrupt vector. If the weak pull-up column (wpu) is merged with the interrupt column (int), then the I/O configuration is pull-up interrupt input, else the configuration is floating interrupt input. 2. In the open drain output column, “T” defines a true open drain I/O (P-Buffer and protection diode to VDD are not implemented). See Section 8 ”I/O PORTS” on page 38 and Section 12.8 ”I/O PORT PIN CHAR- ACTERISTICS” on page 145 for more details. 3. OSC1 and OSC2 pins connect a crystal/ceramic resonator or an external source to the on-chip oscillator see Section 1.2 ”PIN DESCRIPTION” on page 7 and Section 12.5 ”CLOCK AND TIMING CHARACTER- ISTICS” on page 138 for more details. 61 PE0/TDO I/O CT X X X X Port E0 SCI Transmit Data Out 62 PE1/RDI I/O CT X X X X Port E1 SCI Receive Data In 63 PE2/CANTX I/O CT X Port E2 CAN Transmit Data Output 64 PE3/CANRX I/O CT X X X X Port E3 CAN Receive Data Input Pin n ° Pin Name Level Port Main function (after reset) Alternate function Inpu t Outp ut |
Número de pieza similar - ST72532R4T7S |
|
Descripción similar - ST72532R4T7S |