Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STB4NC60 Datasheet(PDF) 6 Page - STMicroelectronics

No. de pieza STB4NC60
Descripción Electrónicos  N-CHANNEL 600V - 1.8ohm - 4.2A D2PAK PowerMesh?줚I MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB4NC60 Datasheet(HTML) 6 Page - STMicroelectronics

  STB4NC60 Datasheet HTML 1Page - STMicroelectronics STB4NC60 Datasheet HTML 2Page - STMicroelectronics STB4NC60 Datasheet HTML 3Page - STMicroelectronics STB4NC60 Datasheet HTML 4Page - STMicroelectronics STB4NC60 Datasheet HTML 5Page - STMicroelectronics STB4NC60 Datasheet HTML 6Page - STMicroelectronics STB4NC60 Datasheet HTML 7Page - STMicroelectronics STB4NC60 Datasheet HTML 8Page - STMicroelectronics STB4NC60 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
STB4NC60
6/9
Fig. 5: Test Circuit For Inductive Load Switching
And Diode Recovery Times
Fig. 4: Gate Charge test Circuit
Fig. 2: Unclamped Inductive Waveform
Fig. 1: Unclamped Inductive Load Test Circuit
Fig. 3: Switching Times Test Circuits For
Resistive Load


Número de pieza similar - STB4NC60

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STB4NC60-1 STMICROELECTRONICS-STB4NC60-1 Datasheet
356Kb / 10P
   N-CHANNEL 600V - 1.8ohm - 4.2A TO-220/TO-220FP/I2PAK PowerMesh?줚I MOSFET
STB4NC60A-1 STMICROELECTRONICS-STB4NC60A-1 Datasheet
338Kb / 10P
   N-CHANNEL 600V - 1.8ohm - 4.2A TO-220/TO-220FP/I2PAK PowerMesh?줚I MOSFET
logo
VBsemi Electronics Co.,...
STB4NC60T4 VBSEMI-STB4NC60T4 Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
More results

Descripción similar - STB4NC60

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STP4NC60 STMICROELECTRONICS-STP4NC60 Datasheet
356Kb / 10P
   N-CHANNEL 600V - 1.8ohm - 4.2A TO-220/TO-220FP/I2PAK PowerMesh?줚I MOSFET
STP4NC60A STMICROELECTRONICS-STP4NC60A Datasheet
338Kb / 10P
   N-CHANNEL 600V - 1.8ohm - 4.2A TO-220/TO-220FP/I2PAK PowerMesh?줚I MOSFET
STB5NB60 STMICROELECTRONICS-STB5NB60 Datasheet
93Kb / 9P
   N - CHANNEL 600V - 1.8ohm - 5A - I2PAK/D2PAK PowerMESH MOSFET
STD3NC60 STMICROELECTRONICS-STD3NC60 Datasheet
460Kb / 10P
   N-CHANNEL 600V - 1.8ohm - 3.2A DPAK / IPAK PowerMesh?줚I MOSFET
STB6LNC60 STMICROELECTRONICS-STB6LNC60 Datasheet
422Kb / 9P
   N-CHANNEL 600V - 1ohm - 5.8A D2PAK PowerMesh?줚I MOSFET
STB9NC60 STMICROELECTRONICS-STB9NC60 Datasheet
461Kb / 10P
   N-CHANNEL 600V - 0.6ohm - 9A - D2PAK/I2PAK PowerMesh?줚I MOSFET
STB5NB80 STMICROELECTRONICS-STB5NB80 Datasheet
87Kb / 8P
   N - CHANNEL 800V - 1.8ohm - 5A -D2PAK PowerMESH] MOSFET
STB8NC50 STMICROELECTRONICS-STB8NC50 Datasheet
441Kb / 9P
   N-CHANNEL 500V - 0.7ohm - 8A D2PAK PowerMesh?줚I MOSFET
STB4NC50 STMICROELECTRONICS-STB4NC50 Datasheet
244Kb / 8P
   N-CHANNEL 500V - 2.2ohm - 4A D2PAK PowerMesh?줚I MOSFET
STE40NC60 STMICROELECTRONICS-STE40NC60 Datasheet
270Kb / 8P
   N-CHANNEL 600V - 0.098ohm - 40A ISOTOP PowerMesh?줚I MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com