Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
745C101100GP Datasheet(PDF) 4 Page - CTS Corporation |
|
745C101100GP Datasheet(HTML) 4 Page - CTS Corporation |
4 / 5 page Page 4 of 5 February 2008 CTS Electronic Components www.ctscorp.com A B C D Recommended Land Patterns Environmental Performance Specifications Max. Delta R Test 740 741 742-746 Test Description Thermal Cycle 1.00% 1.00% 1.00% 5 Cycles -55°C to +125°C Short Time Overload 2.00% 2.50% 1.00% 2½ X Rated Working Voltage for 5 Seconds Moisture Resistance 2.00% 5.00% 2.00% 240 Hours 10% rated load, -10°C to +65°C, 90% R.H. High Temperature Exposure 3.00% 1.00% 1.00% 1000 Hours, no load, +125°C Load Life 3.00% 5.00% 2.00% 1000 Hours @ 70°C, rated load Resistance to Solder Heat 1.00% 2.50% 1.00% 10 Seconds @ 260°C solder Resistance to Solvents Isopropyl alcohol, Freon TMC Solderability RMA Flux, 230°C, 5 Seconds dip, 95% coverage DIMENSIONS mm/in SERIES A B C D 0.60 0.50 0.30 0.30 740 0.023 0.019 0.012 0.012 1.00 0.65 0.33 0.50 741X043 0.039 0.026 0.013 0.020 1.00 0.50 0.30 0.50 741X083 0.039 0.020 0.012 0.020 1.00 0.50 0.28 0.50 741C083 0.039 0.020 0.011 0.020 1.60 0.50 0.30 0.80 741X163 0.063 0.020 0.012 0.031 1.60 0.80 0.50 0.90 742 0.063 0.032 0.020 0.035 2.00 1.27 0.80 1.00 743 0.079 0.050 0.031 0.051 3.20 1.27 0.80 1.00 744 0.126 0.050 0.031 0.039 3.20 1.27 0.90 1.30 745 0.126 0.050 0.035 0.039 1.65 0.64 0.35 0.80 746 0.065 0.025 0.014 0.032 |
Número de pieza similar - 745C101100GP |
|
Descripción similar - 745C101100GP |