Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PD0409J7575S2 Datasheet(PDF) 3 Page - Anaren Microwave

No. de pieza PD0409J7575S2
Descripción Electrónicos  Ultra Low Profile 0805 Power Divider 75廓 to 75廓
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ANAREN [Anaren Microwave]
Página de inicio  http://www.anaren.com
Logo ANAREN - Anaren Microwave

PD0409J7575S2 Datasheet(HTML) 3 Page - Anaren Microwave

  PD0409J7575S2 Datasheet HTML 1Page - Anaren Microwave PD0409J7575S2 Datasheet HTML 2Page - Anaren Microwave PD0409J7575S2 Datasheet HTML 3Page - Anaren Microwave PD0409J7575S2 Datasheet HTML 4Page - Anaren Microwave PD0409J7575S2 Datasheet HTML 5Page - Anaren Microwave PD0409J7575S2 Datasheet HTML 6Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Available on Tape
and Reel for Pick and
Place Manufacturing.
USA/Canada:
Toll Free:
Europe
:
(315) 432-8909
(800) 411-6596
+44 2392-232392
Model PD0409J7575S2
Rev B
Typical Performance: 300 MHz. to 1000 MHz.
Return Loss - Input
-36
-33
-30
-27
-24
-21
-18
-15
-12
-9
-6
-3
0
Frequency [MHz]
Insertion Loss
-3.6
-3.3
-3.0
-2.7
-2.4
-2.1
-1.8
-1.5
-1.2
-0.9
-0.6
-0.3
0.0
Frequency [MHz]
Amplitude Balance
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
Frequency [MHz]
Phase Balance
-20
-15
-10
-5
0
5
10
15
20
Frequency [MHz]
Isolation
-36
-33
-30
-27
-24
-21
-18
-15
-12
-9
-6
-3
0
Frequency [MHz]


Número de pieza similar - PD0409J7575S2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Anaren Microwave
PD0409J7575S2 ANAREN-PD0409J7575S2 Datasheet
229Kb / 7P
   Ultra Low Profile 0805 Power Divider 75廓 to 75廓
PD0409J7575S2HF ANAREN-PD0409J7575S2HF Datasheet
351Kb / 5P
   Ultra Low Profile 0805 Power Divider
PD0409J7575S2 ANAREN-PD0409J7575S2_14 Datasheet
229Kb / 7P
   Ultra Low Profile 0805 Power Divider 75廓 to 75廓
More results

Descripción similar - PD0409J7575S2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Anaren Microwave
PD0922J7575D2 ANAREN-PD0922J7575D2 Datasheet
227Kb / 6P
   Ultra Low Profile 0805 Power Divider 75廓 to 75廓
PD0409J7575S2 ANAREN-PD0409J7575S2_14 Datasheet
229Kb / 7P
   Ultra Low Profile 0805 Power Divider 75廓 to 75廓
PD0922J5075D2 ANAREN-PD0922J5075D2 Datasheet
228Kb / 6P
   Ultra Low Profile 0805 Power Divider 50廓 to 75廓
B0922J7575A50 ANAREN-B0922J7575A50 Datasheet
223Kb / 6P
   Ultra Low Profile 0805 Balun 75廓 to 75廓 Balanced
B0922J7575A00 ANAREN-B0922J7575A00 Datasheet
213Kb / 5P
   Ultra Low Profile 0805 Balun 75廓 to 75廓 Balanced
PD0810J5050S2 ANAREN-PD0810J5050S2 Datasheet
223Kb / 6P
   Ultra Low Profile 0805 Power Divider 50廓 to 50廓
PD3150J5050S2 ANAREN-PD3150J5050S2 Datasheet
225Kb / 6P
   Ultra Low Profile 0805 Power Divider 50廓 to 50廓
PD2328J5050AS2 ANAREN-PD2328J5050AS2 Datasheet
229Kb / 6P
   Ultra Low Profile 0805 Power Divider 50廓 to 50廓
PD0922J5050D2 ANAREN-PD0922J5050D2 Datasheet
226Kb / 6P
   Ultra Low Profile 0805 Power Divider 50廓 to 50廓
PD1722J5050D2 ANAREN-PD1722J5050D2 Datasheet
225Kb / 6P
   Ultra Low Profile 0805 Power Divider 50廓 to 50廓
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com