Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STGB8NC60K Datasheet(PDF) 1 Page - STMicroelectronics

No. de pieza STGB8NC60K
Descripción Electrónicos  N-channel 600V - 8A - D2PAK / DPAK / TO-220 Short circuit rated PowerMESH IGBT
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGB8NC60K Datasheet(HTML) 1 Page - STMicroelectronics

  STGB8NC60K Datasheet HTML 1Page - STMicroelectronics STGB8NC60K Datasheet HTML 2Page - STMicroelectronics STGB8NC60K Datasheet HTML 3Page - STMicroelectronics STGB8NC60K Datasheet HTML 4Page - STMicroelectronics STGB8NC60K Datasheet HTML 5Page - STMicroelectronics STGB8NC60K Datasheet HTML 6Page - STMicroelectronics STGB8NC60K Datasheet HTML 7Page - STMicroelectronics STGB8NC60K Datasheet HTML 8Page - STMicroelectronics STGB8NC60K Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
October 2007
Rev 1
1/17
17
STGB8NC60K - STGD8NC60K
STGP8NC60K
N-channel 600V - 8A - D2PAK / DPAK / TO-220
Short circuit rated PowerMESH™ IGBT
Features
Lower on voltage drop (Vcesat)
Lower CRES / CIES ratio (no cross-conduction
susceptibility)
Very soft ultra fast recovery antiparallel diode
Short circuit withstand time 10µs
Applications
High frequency motor controls
SMPS and PFC in both hard switch and
resonant topologies
Motor drivers
Description
Using the latest high voltage technology based on
a patented strip layout, STMicroelectronics has
designed an advanced family of IGBTs, the
PowerMESH™ IGBTs, with outstanding
performances. The suffix “K” identifies a family
optimized for high frequency motor control
applications with short circuit withstand capability.
Figure 1.
Internal schematic diagram
Type
VCES
VCE(sat)Typ
@25°C
IC
@100°C
STGB8NC60K
600V
2.2V
8A
STGD8NC60K
600V
2.2V
8A
STGP8NC60K
600V
2.2V
8A
TO-220
D²PAK
1
2
3
1
3
1
3
DPAK
Table 1.
Device summary
Order codes
Marking
Package
Packaging
STGB8NC60K
GB8NC60K
D²PAK
Tape & reel
STGD8NC60K
GD8NC60K
DPAK
Tape & reel
STGP8NC60K
GP8NC60K
TO-220
Tube
www.st.com


Número de pieza similar - STGB8NC60K

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STGB8NC60KD STMICROELECTRONICS-STGB8NC60KD Datasheet
562Kb / 18P
   600 V - 8 A - short circuit rugged IGBT
STGB8NC60KDT4 STMICROELECTRONICS-STGB8NC60KDT4 Datasheet
562Kb / 18P
   600 V - 8 A - short circuit rugged IGBT
More results

Descripción similar - STGB8NC60K

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STGB10NC60K STMICROELECTRONICS-STGB10NC60K_07 Datasheet
599Kb / 17P
   N-channel 600V - 10A - D2PAK / TO-220 / DPAK Short circuit rated PowerMESH TM IGBT
STGB14NC60K STMICROELECTRONICS-STGB14NC60K_06 Datasheet
435Kb / 16P
   N-channel 14A - 600V -DPAK - D2PAK Short circuit rated PowerMESH TM IGBT
STGP7NB60K STMICROELECTRONICS-STGP7NB60K_07 Datasheet
341Kb / 15P
   N-channel 600V - 7A - TO-220 / DPAK Short circuit rated PowerMESH TM IGBT
STGD7NB60K STMICROELECTRONICS-STGD7NB60K_07 Datasheet
341Kb / 15P
   N-channel 600V - 7A - TO-220 / DPAK Short circuit rated PowerMESH TM IGBT
STGP10NC60KD STMICROELECTRONICS-STGP10NC60KD Datasheet
379Kb / 17P
   N-channel 600V - 10A - D2PAK / TO-220 / TO-220FP Short circuit rated PowerMESH IGBT
STGP14NC60KD STMICROELECTRONICS-STGP14NC60KD Datasheet
456Kb / 14P
   N-CHANNEL 14A - 600V - TO-220/TO-220FP/D2PAK SHORT CIRCUIT RATED PowerMESH IGBT
STGB14NC60KD STMICROELECTRONICS-STGB14NC60KD_06 Datasheet
833Kb / 17P
   N-channel 14A - 600V - TO-220 - TO-220FP - D2PAK Short circuit rated PowerMESH TM IGBT
STGP7NB60KD STMICROELECTRONICS-STGP7NB60KD Datasheet
330Kb / 12P
   N-CHANNEL 7A - 600V - TO-220/TO-220FP/D2PAK SHORT CIRCUIT RATED PowerMESH TM IGBT
STGF10NC60KD STMICROELECTRONICS-STGF10NC60KD_07 Datasheet
526Kb / 17P
   N-channel 600V - 10A - D2PAK / TO-220 / TO-220FP Short circuit rated PowerMESH TM IGBT
STGP7NB60K STMICROELECTRONICS-STGP7NB60K Datasheet
710Kb / 14P
   N-CHANNEL 7A - 600V - TO-220/FP/DPAK/D2PAK PowerMESH??IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com