Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STD150NH02L Datasheet(PDF) 3 Page - STMicroelectronics

No. de pieza STD150NH02L
Descripción Electrónicos  N-CHANNEL 24V - 0.003 ohm - 150A ClipPAK??IPAK STripFET??III POWER MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD150NH02L Datasheet(HTML) 3 Page - STMicroelectronics

  STD150NH02L Datasheet HTML 1Page - STMicroelectronics STD150NH02L Datasheet HTML 2Page - STMicroelectronics STD150NH02L Datasheet HTML 3Page - STMicroelectronics STD150NH02L Datasheet HTML 4Page - STMicroelectronics STD150NH02L Datasheet HTML 5Page - STMicroelectronics STD150NH02L Datasheet HTML 6Page - STMicroelectronics STD150NH02L Datasheet HTML 7Page - STMicroelectronics STD150NH02L Datasheet HTML 8Page - STMicroelectronics STD150NH02L Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3/9
STD150NH02L
SWITCHING ON
SWITCHING OFF
SOURCE DRAIN DIODE
(1) Garanted when external Rg=4.7
Ω and tf < tfmax.
(4) Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %.
(2) Pulse width limited by safe operating area
(5) Qoss = Coss*∆ Vin , Coss = Cgd + Cds . See Appendix A
(3) Starting Tj = 25 oC, ID = 150A, VDD = 10V
(6) Gate charge for synchronous operation
.
.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(on)
tr
Turn-on Delay Time
Rise Time
VDD = 10 V
ID = 75 A
RG = 4.7 Ω
VGS = 10 V
(Resistive Load, Figure 3)
14
224
ns
ns
Qg
Qgs
Qgd
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
VDD= 16V ID= 150A VGS= 10 V
69
13
9
93
nC
nC
nC
Qoss(5)
Output Charge
VDS= 16 V
VGS= 0 V
27
nC
Qgls(6)
Third-quadrant Gate Charge
VDS< 0 V
VGS= 10 V
64
nC
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(off)
tf
Turn-off Delay Time
Fall Time
VDD = 10 V
ID = 75 A
RG = 4.7Ω,
VGS = 10 V
(Resistive Load, Figure 3)
69
40
54
ns
ns
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ISD
ISDM
Source-drain Current
Source-drain Current (pulsed)
150
600
A
A
VSD (4)
Forward On Voltage
ISD = 75 A
VGS = 0
1.3
V
trr
Qrr
IRRM
Reverse Recovery Time
Reverse Recovery Charge
Reverse Recovery Current
ISD = 150 A
di/dt = 100A/µs
VDD = 15 V
Tj = 150°C
(see test circuit, Figure 5)
47
58
2.5
ns
nC
A
ELECTRICAL CHARACTERISTICS (continued)


Número de pieza similar - STD150NH02L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STD150NH02L STMICROELECTRONICS-STD150NH02L Datasheet
492Kb / 16P
   N-channel 24V- 0.003廓 - 150A - ClipPAK??- IPAK STripFET??IlI Power MOSFET
STD150NH02L-1 STMICROELECTRONICS-STD150NH02L-1 Datasheet
492Kb / 16P
   N-channel 24V- 0.003廓 - 150A - ClipPAK??- IPAK STripFET??IlI Power MOSFET
STD150NH02LT4 STMICROELECTRONICS-STD150NH02LT4 Datasheet
492Kb / 16P
   N-channel 24V- 0.003廓 - 150A - ClipPAK??- IPAK STripFET??IlI Power MOSFET
More results

Descripción similar - STD150NH02L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STD150NH02L-1 STMICROELECTRONICS-STD150NH02L-1 Datasheet
492Kb / 16P
   N-channel 24V- 0.003廓 - 150A - ClipPAK??- IPAK STripFET??IlI Power MOSFET
STD38NH02L STMICROELECTRONICS-STD38NH02L Datasheet
527Kb / 12P
   N-CHANNEL 24V - 0.011 ohm - 38A DPAK/IPAK STripFET??III POWER MOSFET
STD50NH02L STMICROELECTRONICS-STD50NH02L Datasheet
534Kb / 12P
   N-CHANNEL 24V - 0.0085 ohm - 50A DPAK/IPAK STripFET??III POWER MOSFET
STD90NH02L STMICROELECTRONICS-STD90NH02L Datasheet
510Kb / 12P
   N-CHANNEL 24V - 0.0052 ohm - 60A DPAK/IPAK STripFET??III POWER MOSFET
STD38NH02L STMICROELECTRONICS-STD38NH02L_06 Datasheet
496Kb / 16P
   N-channel 24V - 0.011ohm - 38A - DPAK/IPAK STripFET TM III Power MOSFET
STD90N02L STMICROELECTRONICS-STD90N02L Datasheet
805Kb / 17P
   N-channel 24V - 0.0052ohm - 60A - DPAK - IPAK STripFET TM III Power MOSFET
STD70N02L STMICROELECTRONICS-STD70N02L Datasheet
817Kb / 17P
   N-channel 24V - 0.0068ohm - 60A - DPAK - IPAK STripFET TM III Power MOSFET
STD50NH02L STMICROELECTRONICS-STD50NH02L_06 Datasheet
500Kb / 16P
   N-channel 24V - 0.0085ohm - 50A - DPAK/IPAK STripFET TM III Power MOSFET
STD70NH02L STMICROELECTRONICS-STD70NH02L Datasheet
490Kb / 16P
   N-CHANNEL 24V - 0.0062 Ohm - 60A IPAK/DPAK STripFET II Power MOSFET
STD110NH02L STMICROELECTRONICS-STD110NH02L Datasheet
498Kb / 11P
   N-CHANNEL 24V - 0.0044 ohm - 80A DPAK STripFET??III POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com