Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TPS2358_0806 Datasheet(PDF) 5 Page - Texas Instruments |
|
TPS2358_0806 Datasheet(HTML) 5 Page - Texas Instruments |
5 / 34 page DEVICE INFORMATION SIGNAL AND PIN NAMING BLOCK TPS2358 Block Diagrams + + + + R SENSE 100mv vthoc-675mvnominal Q Pump Vcp ~25v Fault Timer Vcp 30uA 12dis 10us C T R SUM 6810 FLT12x\ 10mv -3mv S Q Q R PG12x\ 10us pgat\ ogat ogat OUT12x BLKx PASSx SETx SENMx SENPx 100 us IN12x OUT vpg OUT12x pgat\ oren 30uA R SET EN12x\ SUM12x CT12x TPS2358 www.ti.com ................................................................................................................................................... SLUS820D – FEBRUARY 2008 – REVISED JUNE 2008 The PICMG™ AdvancedMC™ specification refers to 3.3-V power as management power and refers to 12-V power as payload power. This datasheet uses a naming convention that reflects the associated voltage (12 V to 3 V) and AdvancedMC™ slot (A or B). • Signals and pins associated with slot A 12-V payload power end with 12A. • Signals and pins associated with slot A 3.3-V management power end with 3A. • Signals and pins associated with slot B 12-V payload power end with 12B. • Signals and pins associated with slot B 3.3-V management power end with 3B. Pins and signals unique to 12-V channels have only an A or B suffix. Figure 1. 12-V Channel Circuitry Copyright © 2008, Texas Instruments Incorporated Submit Documentation Feedback 5 Product Folder Link(s): TPS2358 |
Número de pieza similar - TPS2358_0806 |
|
Descripción similar - TPS2358_0806 |