Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS2358 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS2358
Descripción Electrónicos  TPS2358 Dual-Slot ATCA AdvancedMC??Controller
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS2358 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS2358 Datasheet HTML 3Page - Texas Instruments TPS2358 Datasheet HTML 4Page - Texas Instruments TPS2358 Datasheet HTML 5Page - Texas Instruments TPS2358 Datasheet HTML 6Page - Texas Instruments TPS2358 Datasheet HTML 7Page - Texas Instruments TPS2358 Datasheet HTML 8Page - Texas Instruments TPS2358 Datasheet HTML 9Page - Texas Instruments TPS2358 Datasheet HTML 10Page - Texas Instruments TPS2358 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
IN12A
SENPA
SENMA
PG12A
GND
12A,12B
3A,3B
Control
SETA
VINT
SUM12A
CT3A
FLT3A
ORENA
PG12B
GND
PG3A
SUM3A
SUM3B
VDD3B
PG3B
OUT3A
FLT3B
CT3B
OUT3B
SUM12B
48PinQFN
AGND
48
47
46
45
44
43
42
41
40
39
38
37
13
14
15
16
17
18
19
20
21
22
23
24
1
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
2
TPS2358
www.ti.com ................................................................................................................................................... SLUS820D – FEBRUARY 2008 – REVISED JUNE 2008
TERMINAL FUNCTIONS
PIN#
NAME
TYPE
DESCRIPTION
1
IN12A
VDD
12A input
2
SENPA
I
12A input sense
3
SETA
I
12A current limit set
4
SENMA
I
12A current limit sense
5
VINT
I/O
Bypass capacitor connection point for internal supply
6
PG12A
O
12A power good output, active low, asserts when OUT12A > VPG12A
7
SUM12A
I/O
12A summing node
8
ORENA
I
12A blocking transistor enable, active low
9
GND
GND
Connect pin to ground
10
GND
GND
Connect pin to ground
11
PG12B
O
12B power good output, active low, asserts when OUT12B > VPG12B
12
SUM12B
I/O
12B summing node
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPS2358


Número de pieza similar - TPS2358

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2358 TI-TPS2358 Datasheet
931Kb / 34P
[Old version datasheet]   TPS2358 Dual-Slot ATCA AdvancedMC??Controller
More results

Descripción similar - TPS2358

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2358 TI-TPS2358 Datasheet
931Kb / 34P
[Old version datasheet]   TPS2358 Dual-Slot ATCA AdvancedMC??Controller
TPS2359 TI1-TPS2359_15 Datasheet
1Mb / 55P
[Old version datasheet]   Full-Featured, Dual-Slot AdvancedMC Controller
TPS2359 TI-TPS2359 Datasheet
1Mb / 51P
[Old version datasheet]   TPS2359 Full Featured Dual-Slot AdvancedMC??Controller
logo
Emerson Network Power
IPM300 EMERSON-NETWORKPOWER-IPM300 Datasheet
434Kb / 3P
   Dual 48 V ATCA Input Power Module
logo
Yamaichi Electronics Co...
CN074-085-0003 YAMAICHI-CN074-085-0003 Datasheet
1Mb / 8P
   AdvancedMC Connector for AdvancedTCA
logo
Advantech Co., Ltd.
ATCA-7310 ADVANTECH-ATCA-7310 Datasheet
1Mb / 1P
   Dual CN6880 ATCA Node Blade with 40GbE Switch
logo
Lineage Power Corporati...
PIM300FZ LINEAGEPOWER-PIM300FZ Datasheet
635Kb / 20P
   ATCA Board Power Input Modules
logo
Global Mixed-mode Techn...
G574 GMT-G574 Datasheet
330Kb / 14P
   Dual-Slot PCMCIA/CardBus Power Controller
logo
Intersil Corporation
ISL6112 INTERSIL-ISL6112 Datasheet
671Kb / 31P
   Dual Slot PCI-Express Power Controller
logo
Maxim Integrated Produc...
MAX780 MAXIM-MAX780 Datasheet
134Kb / 12P
   Dual-Slot PCMCIA Analog Power Controller
Rev. 1; 8/93
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com