Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STD15NF10 Datasheet(PDF) 9 Page - STMicroelectronics

No. de pieza STD15NF10
Descripción Electrónicos  N-channel 100V - 0.060ohm- 23A - DPAK Low gate charge STripFET II Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD15NF10 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STD15NF10 Datasheet HTML 5Page - STMicroelectronics STD15NF10 Datasheet HTML 6Page - STMicroelectronics STD15NF10 Datasheet HTML 7Page - STMicroelectronics STD15NF10 Datasheet HTML 8Page - STMicroelectronics STD15NF10 Datasheet HTML 9Page - STMicroelectronics STD15NF10 Datasheet HTML 10Page - STMicroelectronics STD15NF10 Datasheet HTML 11Page - STMicroelectronics STD15NF10 Datasheet HTML 12Page - STMicroelectronics STD15NF10 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
STD15NF10
Package mechanical data
9/13
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect . The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com


Número de pieza similar - STD15NF10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SHENZHEN DOINGTER SEMIC...
STD15NF10 DOINGTER-STD15NF10 Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
logo
Guangdong Youtai Semico...
STD15NF10 UMW-STD15NF10 Datasheet
1Mb / 5P
   100V N-Channel Enhancement Mode MOSFET
STD15NF10L UMW-STD15NF10L Datasheet
1Mb / 5P
   100V N-Channel Enhancement Mode MOSFET
logo
Inchange Semiconductor ...
STD15NF10T4 ISC-STD15NF10T4 Datasheet
320Kb / 2P
   Isc N-Channel MOSFET Transistor
More results

Descripción similar - STD15NF10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STD25NF10LT4 STMICROELECTRONICS-STD25NF10LT4 Datasheet
432Kb / 13P
   N-channel 100V - 0.030Ohm - 25A - DPAK Low gate charge STripFET II Power MOSFET
STD26NF10 STMICROELECTRONICS-STD26NF10 Datasheet
397Kb / 13P
   N-channel 100V - 0.033廓 - 25A - DPAK Low gate charge STripFET??II Power MOSFET
STD25NF10L STMICROELECTRONICS-STD25NF10L Datasheet
451Kb / 9P
   N-CHANNEL 100V - 0.030 ohm - 25A DPAK LOW GATE CHARGE STripFET??II POWER MOSFET
STD25NF10 STMICROELECTRONICS-STD25NF10 Datasheet
437Kb / 9P
   N-CHANNEL 100V - 0.033ohm - 25A DPAK LOW GATE CHARGE STripFET??POWER MOSFET
STD10NF10 STMICROELECTRONICS-STD10NF10 Datasheet
458Kb / 14P
   N-CHANNEL 100V - 0.115 ohm - 13A IPAK/DPAK LOW GATE CHARGE STripFET??II POWER MOSFET
STD20NF10 STMICROELECTRONICS-STD20NF10 Datasheet
303Kb / 9P
   N-CHANNEL 100V - 0.038 ohm - 25A IPAK/DPAK LOW GATE CHARGE STripFET??II POWER MOSFET
STD40NF10 STMICROELECTRONICS-STD40NF10 Datasheet
379Kb / 15P
   N-channel 100V - 0.025廓 - 50A TO-220 / DPAK Low gate charge STripFET??II Power MOSFET
STD6NF10 STMICROELECTRONICS-STD6NF10 Datasheet
266Kb / 9P
   N-CHANNEL 100V - 0.22 ohm - 6A IPAK/DPAK LOW GATE CHARGE STripFET??POWER MOSFET
STD40NF3LL STMICROELECTRONICS-STD40NF3LL_07 Datasheet
394Kb / 13P
   N-channel 30V - 0.009ohm - 40A - DPAK Low gate charge STripFET TM II Power MOSFET
STD40NF03L STMICROELECTRONICS-STD40NF03L_07 Datasheet
359Kb / 13P
   N-channel 30V - 0.0090ohm - 40A - DPAK Low gate charge STripFET TM II Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com