Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TPS2550DBVR Datasheet(PDF) 4 Page - Texas Instruments |
|
|
TPS2550DBVR Datasheet(HTML) 4 Page - Texas Instruments |
4 / 31 page TPS2550 TPS2551 SLVS736A – FEBRUARY 2008 – REVISED JULY 2008 .................................................................................................................................................... www.ti.com ELECTRICAL CHARACTERISTICS (continued) over recommended operating junction temperature range, 2.5 V ≤ VIN ≤ 6.5 V, RILIM = 14.3 kΩ, V/EN = 0 V, or VEN = 5.0 V (unless otherwise noted) PARAMETER TEST CONDITIONS(1) MIN TYP MAX UNIT UNDERVOLTAGE LOCKOUT VUVLO Low-level input voltage, IN VIN rising 2.35 2.45 V Hysteresis, IN TJ = 25 °C 25 mV FAULT FLAG VOL Output low voltage, FAULT I/FAULT = 1 mA 180 mV Off-state leakage V/FAULT = 6.5 V 1 µA FAULT assertion or de-assertion due to overcurrent condition 5 7.5 10 ms FAULT deglitch FAULT assertion or de-assertion due to reverse-voltage 2 4 6 ms condition THERMAL SHUTDOWN Thermal shutdown threshold 155 °C Thermal shutdown threshold in current-limit 135 °C Hysteresis 15 °C 4 Submit Documentation Feedback Copyright © 2008, Texas Instruments Incorporated Product Folder Link(s): TPS2550 TPS2551 |
Número de pieza similar - TPS2550DBVR |
|
Descripción similar - TPS2550DBVR |