Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADM2484EBRWZ-REEL7 Datasheet(PDF) 11 Page - Analog Devices

No. de pieza ADM2484EBRWZ-REEL7
Descripción Electrónicos  500 kbps, ESD Protected, Half-/Full-Duplex, iCoupler, Isolated RS-485 Transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADM2484EBRWZ-REEL7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADM2484EBRWZ-REEL7 Datasheet HTML 7Page - Analog Devices ADM2484EBRWZ-REEL7 Datasheet HTML 8Page - Analog Devices ADM2484EBRWZ-REEL7 Datasheet HTML 9Page - Analog Devices ADM2484EBRWZ-REEL7 Datasheet HTML 10Page - Analog Devices ADM2484EBRWZ-REEL7 Datasheet HTML 11Page - Analog Devices ADM2484EBRWZ-REEL7 Datasheet HTML 12Page - Analog Devices ADM2484EBRWZ-REEL7 Datasheet HTML 13Page - Analog Devices ADM2484EBRWZ-REEL7 Datasheet HTML 14Page - Analog Devices ADM2484EBRWZ-REEL7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ADM2484E
Rev. 0 | Page 11 of 1
6
SWITCHING CHARACTERISTICS
tDPHL
tDPLH
VDD1
0V
VO
Z
Y
+VO
VDIFF
–VO
VDD1/2
VDD1/2
tDF
tDR
10% POINT
10% POINT
90% POINT
90% POINT
1/2VO
VDIFF = V(Y) – V(Z)
Figure 21. Driver Propagation Delay, Rise/Fall Timing
DE
2.3V
0.5VDD1
VOH
0V
VOL
VOH – 0.5V
VDD1
0V
VOL + 0.5V
0.5VDD1
2.3V
Y, Z
Y, Z
tZL
tZH
tLZ
tHZ
Figure 22. Driver Enable/Disable Delay
A, B
RxD
0V
0V
1.5V
1.5V
tPLH
tPHL
VOH
VOL
Figure 23. Receiver Propagation Delay
VOH
VOL
VOH – 0.5V
VDD1
0V
0V
VOL + 0.5V
RE
RxD
RxD
0V
OUTPUT LOW
OUTPUT HIGH
1.5V
0.5VDD1
1.5V
tZL
tZH
0.5VDD1
tLZ
tHZ
Figure 24. Receiver Enable/Disable Delay


Número de pieza similar - ADM2484EBRWZ-REEL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADM2484EBRWZ-REEL7 AD-ADM2484EBRWZ-REEL7 Datasheet
377Kb / 16P
   500 kbps, ESD Protected, Half-/Full-Duplex, iCoupler, Isolated RS-485 Transceiver
Rev. G
More results

Descripción similar - ADM2484EBRWZ-REEL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADM2484E AD-ADM2484E_V01 Datasheet
377Kb / 16P
   500 kbps, ESD Protected, Half-/Full-Duplex, iCoupler, Isolated RS-485 Transceiver
Rev. G
ADM2491E AD-ADM2491E_V01 Datasheet
423Kb / 16P
   High Speed, ESD-Protected, Half-/Full-Duplex iCoupler Isolated RS-485 Transceiver
Rev. C
ADM2491E AD-ADM2491E Datasheet
572Kb / 16P
   High Speed, ESD-Protected, Half-/Full-Duplex, iCoupler Isolated RS-485 Transceiver
REV. 0
ADM2490E AD-ADM2490E Datasheet
559Kb / 16P
   High Speed, ESD-Protected, Full-Duplex, iCoupler, Isolated RS-485 Transceiver
REV. 0
ADM2490E_VA AD-ADM2490E_VA Datasheet
511Kb / 16P
   High Speed, ESD-Protected, Full-Duplex, iCoupler Isolated RS-485 Transceiver
REV. A
ADM2481 AD-ADM2481 Datasheet
282Kb / 20P
   Half-Duplex, iCoupler Isolated RS-485 Transceiver
REV. 0
ADM2483 AD-ADM2483_V01 Datasheet
401Kb / 18P
   Half-Duplex, iCoupler Isolated RS-485 Transceiver
Rev. F
ADM2481 AD-ADM2481_V01 Datasheet
364Kb / 17P
   Half-Duplex, iCoupler Isolated RS-485 Transceiver
Rev. B
ADM2483 AD-ADM2483 Datasheet
489Kb / 20P
   Half-Duplex iCoupler-R Isolated RS-485 Transceiver
Rev. 0
ADM2491EBRWZ AD-ADM2491EBRWZ Datasheet
410Kb / 16P
   High Speed, ESD-Protected, Half-/Full-Duplex Coupler Isolated RS-485 Transceiver
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com