Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ADP120-ACBZ12R7 Datasheet(PDF) 3 Page - Analog Devices |
|
ADP120-ACBZ12R7 Datasheet(HTML) 3 Page - Analog Devices |
3 / 20 page ADP120 Rev. A | Page 3 of 20 SPECIFICATIONS VIN = (VOUT + 0.4 V) or 2.3 V, whichever is greater; EN = VIN, IOUT = 10 mA, CIN = COUT = 1 μF, TA = 25°C, unless otherwise noted. Table 1. Parameter Symbol Conditions Min Typ Max Unit INPUT VOLTAGE RANGE VIN TJ = −40°C to +125°C 2.3 5.5 V OPERATING SUPPLY CURRENT IGND IOUT = 0 μA 11 μA IOUT = 0 μA, TJ = −40°C to +125°C 21 μA IOUT = 10 mA 15 μA IOUT = 10 mA, TJ = −40°C to +125°C 29 μA IOUT = 100 mA 22 μA IOUT = 100 mA, TJ = −40°C to +125°C 35 μA SHUTDOWN CURRENT IGND-SD EN = GND 0.1 μA EN = GND, TJ = −40°C to +125°C 1.5 μA FIXED OUTPUT VOLTAGE ACCURACY VOUT IOUT = 10 mA −1 +1 % 100 μA < IOUT < 100 mA, VIN = (VOUT + 0.4 V) to 5.5 V −2 +2 % 100 μA < IOUT < 100 mA, VIN = (VOUT + 0.4 V) to 5.5 V, TJ = −40°C to +125°C −2.5 +2.5 % REGULATION Line Regulation ∆VOUT/∆VIN VIN = (VOUT + 0.4 V) to 5.5 V, IOUT = 1 mA, TJ = −40°C to +125°C −0.03 +0.03 %/ V Load Regulation1 ∆VOUT/∆IOUT IOUT = 1 mA to 100 mA 0.001 %/mA IOUT = 1 mA to 100 mA, TJ = −40°C to +125°C 0.005 %/mA DROPOUT VOLTAGE2 VDROPOUT VOUT = 3.3 V TSOT IOUT = 10 mA 8 mV IOUT = 10 mA, TJ = −40°C to +125°C 12 mV IOUT = 100 mA 80 mV IOUT = 100 mA, TJ = −40°C to +125°C 120 mV WLCSP IOUT = 10 mA 6 mV IOUT = 10 mA, TJ = −40°C to +125°C 9 mV IOUT = 100 mA 60 mV IOUT = 100 mA, TJ = −40°C to +125°C 90 mV START-UP TIME3 tSTART-UP VOUT = 3.3 V 120 μs CURRENT LIMIT THRESHOLD4 ILIMIT 110 180 350 mA THERMAL SHUTDOWN Thermal Shutdown Threshold TSSD TJ rising 150 °C Thermal Shutdown Hysteresis TSSD-HYS 15 °C EN INPUT EN Input Logic High VIH 2.3 V ≤ VIN ≤ 5.5 V 1.2 V EN Input Logic Low VIL 2.3 V ≤ VIN ≤ 5.5 V 0.4 V EN Input Leakage Current VI-LEAKAGE EN = VIN or GND 0.05 μA EN = VIN or GND, TJ = −40°C to +125°C 1 μA UNDERVOLTAGE LOCKOUT UVLO Input Voltage Rising UVLORISE TJ = −40°C to +125°C 2.25 V Input Voltage Falling UVLOFALL TJ = −40°C to +125°C 1.5 V Hysteresis UVLOHYS 120 mV OUTPUT NOISE OUTNOISE 10 Hz to 100 kHz, VIN = 5 V, VOUT = 3.3 V 65 μV rms 10 Hz to 100 kHz, VIN = 5 V, VOUT = 2.5 V 52 μV rms 10 Hz to 100 kHz, VIN = 5 V, VOUT = 1.2 V 40 μV rms |
Número de pieza similar - ADP120-ACBZ12R7 |
|
Descripción similar - ADP120-ACBZ12R7 |