Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DMM2P1K-F Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

No. de pieza DMM2P1K-F
Descripción Electrónicos  Polyester Film Capacitors Metallized Radial Leads
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CDE [Cornell Dubilier Electronics]
Página de inicio  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

DMM2P1K-F Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  DMM2P1K-F Datasheet HTML 1Page - Cornell Dubilier Electronics DMM2P1K-F Datasheet HTML 2Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CDE Cornell Dubilier
1605 E. Rodney French Blvd.New Bedford, MA 02740Phone: (508)996-8561Fax: (508)996-3830 www.cde.com
Type DMM Polyester Film Capacitors
Ratings
RoHS Compliant
Metallized
Radial Leads
Specifications
DC Applications
Self Healing
Voltage Range: 100-630 Vdc (65-250 Vac, 60 Hz)
Capacitance Range: .01-10 µF
Capacitance Tolerance: ±10% (K) standard
±5% (J) optional
Operating Temperature Range: -55 °C to 125 °C*
*Full-rated voltage at 85 °C–Derate linearly to 50%-rated voltage at 125 °C
Dielectric Strength: 150% (1 minute)
Dissipation Factor: 1% Max. (25 °C, 1 kHz)
Insulation Resistance: 5,000 Mx µF
10,000 MMin.
Life Test: 1,000 Hours at 85 °C at
125% Rated Voltage
NOTE: Other capacitance values, sizes and
performance specifications are available. Contact
us.
Type DMM radial-leaded, metallized polyester capacitors
have non-inductive windings and multi-layered epoxy
resin enhancing performace characteristics and humidity
resistance. Self healing characteristics prevent permanent
shorting due to high-voltage transients. When long life and
performance stability are critical Type DMM is the ideal
solution.
Cap.
(µF)
Catalog
Part Number
T Max.
Inches (mm)
H Max.
Inches (mm)
L Max.
Inches (mm)
S ±.06 (±1.5)
Inches (mm)
d
Inches (mm)
100 Vdc (65 Vac)
0.15 DMM1P15K–F
0.236 (6.0) 0.394 (10.0) 0.551 (14.0) 0.394 (10.0) 0.024 (0.6)
0.22 DMM1P22K–F
0.236 (6.0) 0.414 (10.5) 0.551 (14.0) 0.394 (10.0) 0.024 (0.6)
0.33 DMM1P33K–F
0.236 (6.0) 0.414 (10.5) 0.709 (18.0) 0.591 (15.0) 0.024 (0.6)
0.47 DMM1P47K–F
0.236 (6.0) 0.473 (12.0) 0.709 (18.0) 0.591 (15.0) 0.024 (0.6)
0.68 DMM1P68K–F
0.276 (7.0) 0.551 (14.0) 0.709 (18.0) 0.591 (15.0) 0.024 (0.6)
1.00 DMM1W1K–F
0.354 (9.0) 0.591 (15.0) 0.709 (18.0) 0.591 (15.0) 0.032 (0.8)
1.50 DMM1W1P5K–F 0.354 (9.0) 0.670 (17.0) 1.024 (26.0) 0.886 (22.5) 0.032 (0.8)
2.20 DMM1W2P2K–F 0.433 (11.0) 0.788 (20.0) 1.024 (26.0) 0.886 (22.5) 0.032 (0.8)
3.30 DMM1W3P3K–F 0.453 (11.5) 0.788 (20.0) 1.024 (26.0) 0.886 (22.5) 0.032 (0.8)
4.70 DMM1W4P7K–F 0.512 (13.0) 0.906 (23.0) 1.221 (31.0) 1.083 (27.5) 0.032 (0.8)
6.80 DMM1W6P8K–F 0.630 (16.0) 1.024 (26.0) 1.221 (31.0) 1.083 (27.5) 0.032 (0.8)
10.00 DMM1W10K–F
0.709 (18.0) 1.221 (31.0) 1.221 (31.0) 1.083 (27.5) 0.032 (0.8)
250 Vdc (160 Vac)
0.07 DMM2S68K–F
0.236 (6.0) 0.394 (10.0) 0.551 (14.0) 0.390 (10.0) 0.024 (0.6)
0.10 DMM2P1K–F
0.276 (7.0) 0.394 (10.0) 0.551 (14.0) 0.390 (10.0) 0.024 (0.6)
0.15 DMM2P15K–F
0.276 (7.0) 0.433 (11.0) 0.709 (18.0) 0.590 (15.0) 0.024 (0.6)
0.22 DMM2P22K–F
0.276 (7.0) 0.473 (12.0) 0.709 (18.0) 0.590 (15.0) 0.024 (0.6)
0.33 DMM2P33K–F
0.276 (7.0) 0.512 (13.0) 0.709 (18.0) 0.590 (15.0) 0.024 (0.6)
0.47 DMM2P47K–F
0.315 (8.0) 0.591 (15.0) 1.024 (26.0) 0.886 (22.5) 0.032 (0.8)
0.68 DMM2P68K–F
0.354 (9.0) 0.610 (15.5) 1.024 (26.0) 0.886 (22.5) 0.032 (0.8)
Pulse Capability
Body Length
Rated
Volts
0.55
0.71
0.94
1.024-1.220
1.38
dV/dt—volts per microsecond, maximum
100
20
12
8
6
250
28
17
12
8
7
400
46
28
15
14
12
630
72
43
28
21
17


Número de pieza similar - DMM2P1K-F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
DMM2P1K-F ETC2-DMM2P1K-F Datasheet
205Kb / 2P
   Polyester Film Capacitors
More results

Descripción similar - DMM2P1K-F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cornell Dubilier Electr...
DME1P56K-F CDE-DME1P56K-F Datasheet
210Kb / 4P
   Polyester Film Capacitors Metallized Radial Leads
DMMAAS47K-F CDE-DMMAAS47K-F Datasheet
184Kb / 2P
   Polyester Film Capacitors Metallized Radial Leads
DSF050J103 CDE-DSF050J103 Datasheet
119Kb / 2P
   Polyester Capacitors Stacked Metallized Radial Leads
logo
Illinois Capacitor, Inc...
103MSR400K ILLINOISCAPACITOR-103MSR400K_13 Datasheet
238Kb / 2P
   Radial leaded metallized polyester film capacitors
223MTB102KE ILLINOISCAPACITOR-223MTB102KE_13 Datasheet
379Kb / 4P
   Radial leaded metallized polyester film capacitors
103MMR250K ILLINOISCAPACITOR-103MMR250K_13 Datasheet
226Kb / 2P
   Radial leaded metallized polyester film capacitors
logo
Vishay Siliconix
BTM510 VISHAY-BTM510 Datasheet
303Kb / 7P
   Metallized Polyester Film Capacitors MKT Radial Potted Type
Revision: 21-Nov-05
logo
Illinois Capacitor, Inc...
103MSR400K ILLINOISCAPACITOR-103MSR400K Datasheet
380Kb / 3P
   Epoxy Dipped Radial Lead Metallized Polyester Film Capacitors
logo
Vishay Siliconix
BFC237261223 VISHAY-BFC237261223 Datasheet
303Kb / 7P
   Metallized Polyester Film Capacitors MKT Radial Potted Type
Revision: 21-Nov-05
MKT372 VISHAY-MKT372 Datasheet
302Kb / 7P
   Metallized Polyester Film Capacitors MKT Radial Potted Type
Revision: 21-Nov-05
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com