Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DME6P15K-F Datasheet(PDF) 4 Page - Cornell Dubilier Electronics |
|
DME6P15K-F Datasheet(HTML) 4 Page - Cornell Dubilier Electronics |
4 / 4 page CDE Cornell Dubilier •1605 E. Rodney French Blvd.•New Bedford, MA 02740•Phone: (508)996-8561•Fax: (508)996-3830 www.cde.com Type DME Polyester Film Capacitors Cap. Catalog T Max. H Max. L Max. S ±.04 (±1.0) d dV/dt (µF) Part Number Inches (mm) Inches (mm) Inches (mm) Inches (mm) Inches (mm) V/μs 2.200 DME6W2P2K-F 0.787 (20.0) 1.142 (29.0) 1.220 (31.0) 1.083 (27.5) 0.032 (0.8) 15 1000 Vdc (250 Vac) 0.010 DME10S1K-F 0.236 (6.0) 0.433 (11.0) 0.610 (15.5) 0.492 (12.5) 0.024 (0.6) 93 0.012 DME10S12K-F 0.236 (6.0) 0.472 (12.0) 0.610 (15.5) 0.492 (12.5) 0.024 (0.6) 93 0.015 DME10S15K-F 0.276 (7.0) 0.492 (12.5) 0.610 (15.5) 0.492 (12.5) 0.024 (0.6) 93 0.018 DME10S18K-F 0.295 (7.5) 0.512 (13.0) 0.610 (15.5) 0.492 (12.5) 0.032 (0.8) 93 0.022 DME10S22K-F 0.295 (7.5) 0.610 (15.5) 0.610 (15.5) 0.492 (12.5) 0.032 (0.8) 93 0.027 DME10S27K-F 0.236 (6.0) 0.512 (13.0) 0.827 (21.0) 0.689 (17.5) 0.032 (0.8) 104 0.033 DME10S33K-F 0.256 (6.5) 0.551 (14.0) 0.827 (21.0) 0.689 (17.5) 0.032 (0.8) 104 0.039 DME10S39K-F 0.276 (7.0) 0.571 (14.5) 0.827 (21.0) 0.689 (17.5) 0.032 (0.8) 104 0.047 DME10S47K-F 0.295 (7.5) 0.610 (15.5) 0.827 (21.0) 0.689 (17.5) 0.032 (0.8) 104 0.056 DME10S56K-F 0.295 (7.5) 0.669 (17.0) 0.827 (21.0) 0.689 (17.5) 0.032 (0.8) 104 0.068 DME10S68K-F 0.335 (8.5) 0.709 (18.0) 0.827 (21.0) 0.689 (17.5) 0.032 (0.8) 104 0.082 DME10S82K-F 0.354 (9.0) 0.728 (18.5) 0.827 (21.0) 0.689 (17.5) 0.032 (0.8) 104 0.100 DME10P1K-F 0.394 (10.0) 0.787 (20.0) 0.827 (21.0) 0.689 (17.5) 0.032 (0.8) 104 0.120 DME10P12K-F 0.354 (9.0) 0.728 (18.5) 1.024 (26.0) 0.886 (22.5) 0.032 (0.8) 70 0.150 DME10P15K-F 0.394 (10.0) 0.787 (20.0) 1.024 (26.0) 0.886 (22.5) 0.032 (0.8) 70 0.180 DME10P18K-F 0.413 (10.5) 0.866 (22.0) 1.024 (26.0) 0.886 (22.5) 0.032 (0.8) 70 0.220 DME10P22K-F 0.472 (12.0) 0.906 (23.0) 1.024 (26.0) 0.886 (22.5) 0.032 (0.8) 70 RoHS Compliant |
Número de pieza similar - DME6P15K-F |
|
Descripción similar - DME6P15K-F |