Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STD4N25 Datasheet(PDF) 9 Page - STMicroelectronics

No. de pieza STD4N25
Descripción Electrónicos  N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD4N25 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STD4N25 Datasheet HTML 2Page - STMicroelectronics STD4N25 Datasheet HTML 3Page - STMicroelectronics STD4N25 Datasheet HTML 4Page - STMicroelectronics STD4N25 Datasheet HTML 5Page - STMicroelectronics STD4N25 Datasheet HTML 6Page - STMicroelectronics STD4N25 Datasheet HTML 7Page - STMicroelectronics STD4N25 Datasheet HTML 8Page - STMicroelectronics STD4N25 Datasheet HTML 9Page - STMicroelectronics STD4N25 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
2.2
2.4
0.086
0.094
A1
0.9
1.1
0.035
0.043
A3
0.7
1.3
0.027
0.051
B
0.64
0.9
0.025
0.031
B2
5.2
5.4
0.204
0.212
B3
0.85
0.033
B5
0.3
0.012
B6
0.95
0.037
C
0.45
0.6
0.017
0.023
C2
0.48
0.6
0.019
0.023
D
6
6.2
0.236
0.244
E
6.4
6.6
0.252
0.260
G
4.4
4.6
0.173
0.181
H
15.9
16.3
0.626
0.641
L
9
9.4
0.354
0.370
L1
0.8
1.2
0.031
0.047
L2
0.8
1
0.031
0.039
D
L
L2
L1
H
TO-251 (IPAK) MECHANICAL DATA
0068771-E
STD4N25
9/10


Número de pieza similar - STD4N25

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STD4N20 STMICROELECTRONICS-STD4N20 Datasheet
271Kb / 9P
   N-CHANNEL 200V - 1.2ohm - 4A DPAK/IPAK MESH OVERLAY??MOSFET
More results

Descripción similar - STD4N25

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
IRF620 STMICROELECTRONICS-IRF620 Datasheet
184Kb / 9P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
BUZ72A STMICROELECTRONICS-BUZ72A Datasheet
112Kb / 7P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
MTH40N06 STMICROELECTRONICS-MTH40N06 Datasheet
484Kb / 6P
   N-CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
logo
Comset Semiconductor
BUZ71 COMSET-BUZ71 Datasheet
106Kb / 3P
   N CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
IRF830 COMSET-IRF830 Datasheet
109Kb / 3P
   N CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
logo
STMicroelectronics
IRF720 STMICROELECTRONICS-IRF720 Datasheet
343Kb / 6P
   N-channel enhancement mode power mos transistors
June 1988
SGSP363 STMICROELECTRONICS-SGSP363 Datasheet
178Kb / 6P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
June 1988
SGSP591 STMICROELECTRONICS-SGSP591 Datasheet
173Kb / 5P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
June 1988
STW5NA100 STMICROELECTRONICS-STW5NA100 Datasheet
99Kb / 6P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
SGSP491 STMICROELECTRONICS-SGSP491 Datasheet
171Kb / 5P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
June 1988
SGSP361 STMICROELECTRONICS-SGSP361 Datasheet
184Kb / 6P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
June 1988
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com