Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD7492 Datasheet(PDF) 6 Page - Analog Devices

No. de pieza AD7492
Descripción Electrónicos  1.25 MSPS, 16 mW Internal REF and CLK, 12-Bit Parallel ADC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD7492 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7492 Datasheet HTML 2Page - Analog Devices AD7492 Datasheet HTML 3Page - Analog Devices AD7492 Datasheet HTML 4Page - Analog Devices AD7492 Datasheet HTML 5Page - Analog Devices AD7492 Datasheet HTML 6Page - Analog Devices AD7492 Datasheet HTML 7Page - Analog Devices AD7492 Datasheet HTML 8Page - Analog Devices AD7492 Datasheet HTML 9Page - Analog Devices AD7492 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
REV. 0
AD7492
–6–
PIN FUNCTION DESCRIPTION
Pin
Mnemonic
Function
1–3,
DB9–DB11,
Data Bit 0 to DB11. Parallel digital outputs that provide the conversion result for the part. These
13–18,
DB0–DB5,
are three-state outputs that are controlled by
CS and RD. The output high voltage level for these
22–24
DB6–DB8
outputs is determined by the VDRIVE input.
4AVDD
Analog Supply Voltage, 2.7 V to 5.25 V. This is the only supply voltage for all analog circuitry on
the AD7492. The AVDD and DVDD voltages should ideally be at the same potential and must not
be more than 0.3 V apart, even on a transient basis. This supply should be decoupled to AGND.
5
REF OUT
Reference Out. The output voltage from this pin is 2.5 V
±1%.
6VIN
Analog Input. Single-ended analog input channel. The input range is 0 V to REFIN. The analog
input presents a high dc input impedance.
7
AGND
Analog Ground. Ground reference point for all analog circuitry on the AD7492. All analog input
signals should be referred to this AGND voltage. The AGND and DGND voltages should
ideally be at the same potential and must not be more than 0.3 V apart, even on a transient basis.
8
CS
Chip Select. Active low logic input used in conjunction with
RD to access the conversion result.
The conversion result is placed on the data bus following the falling edge of both
CS and RD.
CS and RD are both connected to the same AND gate on the input so the signals are inter-
changeable.
CS can be hardwired permanently low.
9
RD
Read Input. Logic input used in conjunction with
CS to access the conversion result. The con-
version result is placed on the data bus following the falling edge of both
CS and RD. CS and
RD are both connected to the same AND gate on the input so the signals are interchangeable.
CS and RD can be hardwired permanently low, in which case the data bus is always active and
the result of the new conversion is clocked out slightly before to the BUSY line going low.
10
CONVST
Conversion Start Input. Logic input used to initiate conversion. The input track/hold amplifier
goes from track mode to hold mode on the falling edge of
CONVST and the conversion process
is initiated at this point. The conversion input can be as narrow as 10 ns. If the
CONVST input
is kept low for the duration of conversion and is still low at the end of conversion, the part will
automatically enter a sleep mode. The type of sleep mode is determined by the PS/
FS pin. If the
part enters a sleep mode, the next rising edge of
CONVST wakes up the part. Wake-up time
depends on the type of sleep mode.
11
PS/
FS
Partial Sleep/Full Sleep Mode. This pin determines the type of sleep mode the part will enter if
the
CONVST pin is kept low for the duration of the conversion and is still low at the end of
conversion. In partial sleep mode the internal reference circuit and oscillator circuit is not pow-
ered down and draws 250
µA maximum. In full sleep mode all of the analog circuitry is
powered down and the current drawn is negligible. This pin is hardwired either high (DVDD) or
low (GND).
12
BUSY
BUSY Output. Logic output indicating the status of the conversion process. The BUSY signal
goes high after the falling edge of
CONVST and stays high for the duration of conversion. Once
conversion is complete and the conversion result is in the output register, the BUSY line returns
low. The track/hold returns to track mode just prior to the falling edge of BUSY and the acquisi-
tion time for the part begins when BUSY goes low. If the
CONVST input is still low when BUSY
goes low, the part automatically enters its sleep mode on the falling edge of BUSY.
19
DGND
Digital Ground. This is the ground reference point for all digital circuitry on the AD7492. The
DGND and AGND voltages should ideally be at the same potential and must not be more than
0.3 V apart, even on a transient basis.
20
DVDD
Digital Supply Voltage, 2.7 V to 5.25 V. This is the supply voltage for all digital circuitry on the
AD7492 apart from the output drivers and input circuitry. The DVDD and AVDD voltages
should ideally be at the same potential and must not be more than 0.3 V apart even on a tran-
sient basis. This supply should be decoupled to DGND.
21
VDRIVE
Supply Voltage for the Output Drivers and Digital Input circuitry, 2.7 V to 5.25 V. This voltage
determines the output high voltage for the data output pins and the trigger levels for the digital
inputs. It allows the AVDD and DVDD to operate at 5 V (and maximize the dynamic performance
of the ADC) while the digital input and output pins can interface to 3 V logic.


Número de pieza similar - AD7492

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7492 AD-AD7492 Datasheet
722Kb / 14P
   Evaluation Board for 12-bit high speed, low power, successive-approximation ADC
REV. A
AD7492 AD-AD7492 Datasheet
374Kb / 25P
   1.25 MSPS, 16 mW Internal REF 12-Bit Parallel ADC
AD7492 AD-AD7492 Datasheet
513Kb / 24P
   1.25 MSPS, 16 mW Internal REF and CLK, 12-Bit Parallel ADC
REV. A
AD7492AR AD-AD7492AR Datasheet
513Kb / 24P
   1.25 MSPS, 16 mW Internal REF and CLK, 12-Bit Parallel ADC
REV. A
AD7492AR AD-AD7492AR Datasheet
374Kb / 25P
   1.25 MSPS, 16 mW Internal REF 12-Bit Parallel ADC
More results

Descripción similar - AD7492

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7492ARZ AD-AD7492ARZ Datasheet
513Kb / 24P
   1.25 MSPS, 16 mW Internal REF and CLK, 12-Bit Parallel ADC
REV. A
AD7492 AD-AD7492_15 Datasheet
513Kb / 24P
   1.25 MSPS, 16 mW Internal REF and CLK, 12-Bit Parallel ADC
REV. A
AD7492BRUZ AD-AD7492BRUZ Datasheet
513Kb / 24P
   1.25 MSPS, 16 mW Internal REF and CLK, 12-Bit Parallel ADC
REV. A
AD7492 AD-AD7492_17 Datasheet
374Kb / 25P
   1.25 MSPS, 16 mW Internal REF 12-Bit Parallel ADC
logo
Texas Instruments
ADS9120 TI1-ADS9120 Datasheet
1Mb / 64P
[Old version datasheet]   16-Bit, 2.5-MSPS, 15.5-mW, SAR ADC
logo
Analog Devices
AD7667 AD-AD7667 Datasheet
336Kb / 23P
   16-Bit 1 MSPS SAR Unipolar ADC with Ref
REV. PrA
AD7470 AD-AD7470_15 Datasheet
529Kb / 21P
   1.75 MSPS, 4 mW 10-Bit/12-Bit Parallel ADCs
REV. B
AD7470 AD-AD7470_03 Datasheet
325Kb / 20P
   1.75 MSPS, 4 mW 10-Bit/12-Bit Parallel ADCs
REV. B
AD7470 AD-AD7470 Datasheet
197Kb / 16P
   1.75 MSPS, 4 mW 10-Bit/12-Bit Parallel ADCs
REV. A
AD7472ARZ AD-AD7472ARZ Datasheet
325Kb / 20P
   1.75 MSPS, 4 mW 10-Bit-12-Bit Parallel ADCs
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com