Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STE70NM50 Datasheet(PDF) 2 Page - STMicroelectronics

No. de pieza STE70NM50
Descripción Electrónicos  N-CHANNEL 500V - 0.045ohm - 70A ISOTOP Zener-Protected MDmesh?줡ower MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE70NM50 Datasheet(HTML) 2 Page - STMicroelectronics

  STE70NM50 Datasheet HTML 1Page - STMicroelectronics STE70NM50 Datasheet HTML 2Page - STMicroelectronics STE70NM50 Datasheet HTML 3Page - STMicroelectronics STE70NM50 Datasheet HTML 4Page - STMicroelectronics STE70NM50 Datasheet HTML 5Page - STMicroelectronics STE70NM50 Datasheet HTML 6Page - STMicroelectronics STE70NM50 Datasheet HTML 7Page - STMicroelectronics STE70NM50 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
STE70NM50
2/8
THERMAL DATA
AVALANCHE CHARACTERISTICS
ELECTRICAL CHARACTERISTICS (TCASE = 25 °C UNLESS OTHERWISE SPECIFIED)
OFF
ON (1)
DYNAMIC
Note: 1. Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %.
Rthj-case
Thermal Resistance Junction-case
Max
0.2
°C/W
Rthj-amb
Thermal Resistance Junction-ambient
Max
30
°C/W
Tl
Maximum Lead Temperature For Soldering Purpose
300
°C
Symbol
Parameter
Max Value
Unit
IAR
Avalanche Current, Repetitive or Not-Repetitive
(pulse width limited by Tj max)
30
A
EAS
Single Pulse Avalanche Energy
(starting Tj = 25 °C, ID = IAR, VDD = 35 V)
1.4
J
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
Breakdown Voltage
ID = 250 µA, VGS = 0
500
V
IDSS
Zero Gate Voltage
Drain Current (VGS = 0)
VDS = Max Rating
10
µA
VDS = Max Rating, TC = 125 °C
100
µA
IGSS
Gate-body Leakage
Current (VDS = 0)
VGS = ± 20V
± 10
µA
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250µA
34
5
V
RDS(on)
Static Drain-source On
Resistance
VGS = 10V, ID = 30A
0.045
0.05
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
gfs (1)
Forward Transconductance
VDS > ID(on) x RDS(on)max,
ID = 30A
35
S
Ciss
Input Capacitance
VDS = 25V, f = 1 MHz, VGS = 0
7500
pF
Coss
Output Capacitance
980
pF
Crss
Reverse Transfer
Capacitance
200
pF
RG
Gate Input Resistance
f=1 MHz Gate DC Bias = 0
Test Signal Level = 20mV
Open Drain
1.5


Número de pieza similar - STE70NM50

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STE70NM60 STMICROELECTRONICS-STE70NM60 Datasheet
311Kb / 8P
   N-CHANNEL 600V - 0.050W - 70A ISOTOP Zener-Protected MDmesh Power MOSFET
More results

Descripción similar - STE70NM50

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STY60NM50 STMICROELECTRONICS-STY60NM50 Datasheet
263Kb / 8P
   N-CHANNEL 500V - 0.045ohm - 60A Max247 Zener-Protected MDmesh?줡ower MOSFET
STE48NM50 STMICROELECTRONICS-STE48NM50 Datasheet
273Kb / 8P
   N-CHANNEL 500V - 0.08ohm - 48A ISOTOP MDmesh?줡ower MOSFET
STE70NM60 STMICROELECTRONICS-STE70NM60 Datasheet
311Kb / 8P
   N-CHANNEL 600V - 0.050W - 70A ISOTOP Zener-Protected MDmesh Power MOSFET
STD3NM50 STMICROELECTRONICS-STD3NM50 Datasheet
471Kb / 10P
   N-CHANNEL 500V - 2.5ohm - 3A DPAK/IPAK Zener-Protected MDmesh?줡ower MOSFET
STY60NM60 STMICROELECTRONICS-STY60NM60 Datasheet
288Kb / 8P
   N-CHANNEL 600V - 0.050ohm - 60A Max247 Zener-Protected MDmesh?줡ower MOSFET
STD2NM60 STMICROELECTRONICS-STD2NM60 Datasheet
474Kb / 10P
   N-CHANNEL 600V - 2.8ohm - 2A DPAK/IPAK Zener-Protected MDmesh?줡ower MOSFET
STW20NM50 STMICROELECTRONICS-STW20NM50 Datasheet
256Kb / 8P
   N-CHANNEL 500V - 0.20ohm - 20A TO-247 MDmesh?줡ower MOSFET
STD5NM50 STMICROELECTRONICS-STD5NM50 Datasheet
463Kb / 10P
   N-CHANNEL 500V - 0.7ohm - 7.5A DPAK/IPAK MDmesh?줡ower MOSFET
STW47NM50 STMICROELECTRONICS-STW47NM50 Datasheet
117Kb / 6P
   N-CHANNEL 500V - 0.065ohm - 45A TO-247 MDmesh?줡ower MOSFET
STP4NM60 STMICROELECTRONICS-STP4NM60 Datasheet
548Kb / 12P
   N-CHANNEL 600V - 1.3ohm - 3A TO-220/DPAK/IPAK Zener-Protected MDmesh?줡ower MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com