Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74AS8003PSRE4 Datasheet(PDF) 2 Page - Texas Instruments

No. de pieza SN74AS8003PSRE4
Descripción Electrónicos  DUAL 2-INPUT POSITIVE-NAND GATE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

SN74AS8003PSRE4 Datasheet(HTML) 2 Page - Texas Instruments

  SN74AS8003PSRE4 Datasheet HTML 1Page - Texas Instruments SN74AS8003PSRE4 Datasheet HTML 2Page - Texas Instruments SN74AS8003PSRE4 Datasheet HTML 3Page - Texas Instruments SN74AS8003PSRE4 Datasheet HTML 4Page - Texas Instruments SN74AS8003PSRE4 Datasheet HTML 5Page - Texas Instruments SN74AS8003PSRE4 Datasheet HTML 6Page - Texas Instruments SN74AS8003PSRE4 Datasheet HTML 7Page - Texas Instruments SN74AS8003PSRE4 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SN74AS8003
DUAL 2-INPUT POSITIVE-NAND GATE
SDAS305 – OCTOBER 1999
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range
Supply voltage range, VCC
–0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI
–0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods can affect device reliability.
recommended operating conditions (see Note 1)
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
V
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
IOH
High-level output current
–2
mA
IOL
Low-level output current
20
mA
TA
Operating free-air temperature
0
70
°C
NOTE 1: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
electrical characteristics over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP‡
MAX
UNIT
VIK
VCC = 4.5 V,
II = –18 mA
–1.2
V
VOH
VCC = 4.5 V to 5.5 V,
IOH = –2 mA
VCC–2
V
VOL
VCC = 4.5 V,
IOL = 20 mA
0.35
0.5
V
II
VCC = 5.5 V,
VI = 7 V
0.1
mA
IIH
VCC = 5.5 V,
VI = 2.7 V
20
µA
IIL
VCC = 5.5 V,
VI = 0.4 V
–0.5
mA
IO§
VCC = 5.5 V,
VO = 2.25 V
–30
–112
mA
ICCH
VCC = 5.5 V,
VI = 0 V
1
1.6
mA
ICCL
VCC = 5.5 V,
VI = 4.5 V
3.5
8.7
mA
‡ All typical values are at VCC = 5 V, TA = 25°C.
§ The output conditions have been chosen to produce a current that closely approximates one half of the true short-circuit output current, IOS.
switching characteristics over recommended operating conditions (unless otherwise noted)
(see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
MAX
UNIT
tPLH
AorB
Y
1
4.5
ns
tPHL
A or B
Y
1
4
ns


Número de pieza similar - SN74AS8003PSRE4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74AS804B TI-SN74AS804B Datasheet
439Kb / 13P
[Old version datasheet]   HEX 2-INPUT NAND DRIVERS
SN74AS804B TI-SN74AS804B Datasheet
490Kb / 15P
[Old version datasheet]   HEX 2-INPUT NAND DRIVERS
SN74AS804BDW TI-SN74AS804BDW Datasheet
439Kb / 13P
[Old version datasheet]   HEX 2-INPUT NAND DRIVERS
SN74AS804BDW TI-SN74AS804BDW Datasheet
490Kb / 15P
[Old version datasheet]   HEX 2-INPUT NAND DRIVERS
SN74AS804BDWE4 TI-SN74AS804BDWE4 Datasheet
439Kb / 13P
[Old version datasheet]   HEX 2-INPUT NAND DRIVERS
More results

Descripción similar - SN74AS8003PSRE4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74LVC2G00 TI-SN74LVC2G00_09 Datasheet
527Kb / 13P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-NAND GATE
logo
Unisonic Technologies
U74LVC2G00 UTC-U74LVC2G00 Datasheet
161Kb / 6P
   DUAL 2-INPUT POSITIVE-NAND GATE
logo
Texas Instruments
SN74AHC2G00 TI1-SN74AHC2G00 Datasheet
75Kb / 5P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-NAND GATE
SN74AUC2G00 TI-SN74AUC2G00_07 Datasheet
517Kb / 13P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-NAND GATE
SN74LVC2G00W-EP TI1-SN74LVC2G00W-EP Datasheet
126Kb / 9P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-NAND GATE
SN74LVC2G00 TI-SN74LVC2G00 Datasheet
343Kb / 13P
[Old version datasheet]   DUAL 2 INPUT POSITIVE NAND GATE
SN74LVC2G00 TI1-SN74LVC2G00_18 Datasheet
1,001Kb / 24P
[Old version datasheet]   Dual 2-Input Positive-NAND Gate
SN74AUC2G00 TI-SN74AUC2G00 Datasheet
259Kb / 11P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-NAND GATE
SN74ALS8003A TI1-SN74ALS8003A_08 Datasheet
92Kb / 5P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-NAND GATE
SN74ALS8003A TI-SN74ALS8003A Datasheet
69Kb / 4P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-NAND GATE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com