Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
L6388E Datasheet(PDF) 8 Page - STMicroelectronics |
|
L6388E Datasheet(HTML) 8 Page - STMicroelectronics |
8 / 18 page Input logic L6388E 8/18 5 Input logic Input logic is provided with an interlocking circuitry which avoids the two outputs (LVG, HVG) to be active at the same time when both the logic input pins (LIN, HIN) are at a high logic level. In addition, to prevent cross conduction of the external MOSFETs, after each output is turned-off the other output cannot be turned-on before a certain amount of time (DT) (see Figure 3). 6 Bootstrap driver A bootstrap circuitry is needed to supply the high voltage section. This function is normally accomplished by a high voltage fast recovery diode (Figure 5 a). In the L6388E a patented integrated structure replaces the external diode. It is realized by a high voltage DMOS, driven synchronously with the low side driver (LVG), with in series a diode, as shown in Figure 5 b. An internal charge pump (Figure 5 b) provides the DMOS driving voltage. The diode connected in series to the DMOS has been added to avoid undesirable turn on of it. 6.1 CBOOT selection and charging To choose the proper CBOOT value the external MOS can be seen as an equivalent capacitor. This capacitor CEXT is related to the MOS total gate charge: The ratio between the capacitors CEXT and CBOOT is proportional to the cyclical voltage loss. It has to be: CBOOT>>>CEXT e.g.: if Qgate is 30nC and Vgate is 10V, CEXT is 3nF. With CBOOT = 100nF the drop would be 300mV. If HVG has to be supplied for a long time, the CBOOT selection has to take into account also the leakage losses. e.g.: HVG steady state consumption is lower than 200 µA, so if HVG T ON is 5ms, CBOOT has to supply 1 µC to C EXT. This charge on a 1µF capacitor means a voltage drop of 1V. The internal bootstrap driver gives great advantages: the external fast recovery diode can be avoided (it usually has great leakage current). This structure can work only if VOUT is close to GND (or lower) and in the meanwhile the LVG is on. The charging time (Tcharge ) of the CBOOT is the time in which both conditions are fulfilled and it has to be long enough to charge the capacitor. The bootstrap driver introduces a voltage drop due to the DMOS RDSON (typical value: 125 Ω). At low frequency this drop can be neglected. Anyway increasing the frequency it must be taken in to account. C EXT Q gate V gate --------------- = |
Número de pieza similar - L6388E |
|
Descripción similar - L6388E |