Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM358AYPT Datasheet(PDF) 10 Page - STMicroelectronics

No. de pieza LM358AYPT
Descripción Electrónicos  Low power dual operational amplifiers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM358AYPT Datasheet(HTML) 10 Page - STMicroelectronics

Back Button LM358AYPT Datasheet HTML 6Page - STMicroelectronics LM358AYPT Datasheet HTML 7Page - STMicroelectronics LM358AYPT Datasheet HTML 8Page - STMicroelectronics LM358AYPT Datasheet HTML 9Page - STMicroelectronics LM358AYPT Datasheet HTML 10Page - STMicroelectronics LM358AYPT Datasheet HTML 11Page - STMicroelectronics LM358AYPT Datasheet HTML 12Page - STMicroelectronics LM358AYPT Datasheet HTML 13Page - STMicroelectronics LM358AYPT Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Typical applications
LM158-LM258-LM358
10/19
5
Typical applications
Single supply voltage VCC = +5VDC.
Figure 19.
AC coupled inverting amplifier
Figure 20.
Non-inverting DC amplifier
1/2
LM158
~
0
2VPP
R
10k
W
L
Co
eo
R
6.2k
W
B
R
100k
W
f
R1
10k
W
CI
eI
VCC
R2
100k
W
C1
10mF
R3
100k
W
A= -
R
R1
V
f
(as shown A
= -10)
V
R1
10k
W
R2
1M
W
1/2
LM158
10k
W
e I
e
O
+5V
(mV)
0
AV=1 +
R2
R1
(As shown
= 101)
A
V
Figure 21.
AC coupled non-inverting amplifier Figure 22.
DC summing amplifier
1/2
LM158
~
0
2VPP
R
10k
W
L
Co
eo
R
6.2k
W
B
C1
0.1
mF
eI
VCC
(as shown A
= 11)
V
A =1+ R2
R1
V
R1
100k
W
R2
1M
W
CI
R3
1M
W
R4
100k
W
R5
100k
W
C2
10mF
1/2
LM158
e
O
e
4
e
3
e
2
e
1
100k
W
100k
W
100k
W
100k
W
100k
W
100k
W
eo = e1 + e2 - e3 - e4
where (e1 + e2) ≥ (e3 + e4)
to keep eo ≥ 0V
Figure 23.
High input Z, DC differential
amplifier
Figure 24.
High input Z adjustable gain DC
instrumentation amplifier
R1
100k
W
R2
100k
W
R4
100k
W
R3
100k
W
+V2
+V1
Vo
1/2
LM158
1/2
LM158
if R1 = R5 and R3 = R4 = R6 = R7
eo = [1 +
] ( (e2 + e1)
As shown eo = 101 (e2 + e1)
2R1
R2
-----------
R3
100k
W
e
O
1/2
LM158
R1
100k
W
e
1
R7
100k
W
R6
100k
W
R5
100k
W
e
2
R2
2k
W
Gain adjust
R4
100k
W
1/2
LM158
1/2
LM158
if R1 = R5 and
R3 = R4 = R6 = R7
eo = [ 1 +
] ( (e2 + e1)
As shown eo = 101 (e2 + e1)
2R1
R2
-----------


Número de pieza similar - LM358AYPT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
LM358AYPT STMICROELECTRONICS-LM358AYPT Datasheet
318Kb / 20P
   Low power dual operational amplifiers
More results

Descripción similar - LM358AYPT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TL022C TI-TL022C Datasheet
87Kb / 5P
[Old version datasheet]   DUAL LOW-POWER OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LM158 NSC-LM158 Datasheet
276Kb / 16P
   Low Power Dual Operational Amplifiers
LM158 NSC-LM158 Datasheet
1,009Kb / 25P
   Low Power Dual Operational Amplifiers
logo
STMicroelectronics
LM158 STMICROELECTRONICS-LM158 Datasheet
264Kb / 12P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
July 2003
logo
Texas Instruments
TL022C TI1-TL022C_14 Datasheet
686Kb / 15P
[Old version datasheet]   DUAL LOW-POWER OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
LM158 STMICROELECTRONICS-LM158_07 Datasheet
318Kb / 20P
   Low power dual operational amplifiers
LM158W STMICROELECTRONICS-LM158W_08 Datasheet
326Kb / 18P
   Low power dual operational amplifiers
logo
Diodes Incorporated
AP358 DIODES-AP358 Datasheet
298Kb / 15P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
AP358 Rev. 4
logo
Hi-Sincerity Mocroelect...
HLM358 HSMC-HLM358 Datasheet
108Kb / 7P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
logo
Global Mixed-mode Techn...
G1520 GMT-G1520 Datasheet
797Kb / 1P
   Low Power Dual Operational Amplifiers
logo
Princeton Technology Co...
RS358 PTC-RS358 Datasheet
217Kb / 5P
   Low Power Dual Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com