Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STK3NA50 Datasheet(PDF) 3 Page - STMicroelectronics |
|
STK3NA50 Datasheet(HTML) 3 Page - STMicroelectronics |
3 / 10 page ELECTRICAL CHARACTERISTICS (continued) SWITCHING ON Symbol Parameter Test Condi tions Mi n. Typ. Max. Unit td(on) tr Turn-on Time Rise Time VDD =250 V ID =1.5 A RG =18 Ω VGS =10 V (see test circuit, figure 3) 14 23 20 30 ns ns (di/dt) on Turn-on Current Slope VDD =400 V ID =3 A RG =18 Ω VGS =10 V (see test circuit, figure 5) 340 A/ µs Qg Qgs Qgd Total Gate Charge Gate-Source Charge Gate-Drain Charge VDD = 400 V ID =3 A VGS =10 V 21 6 9 28 nC nC nC SWITCHING OFF Symbol Parameter Test Condi tions Mi n. Typ. Max. Unit tr(Voff) tf tc Of f-voltage Rise Time Fall Time Cross-over Time VDD =400 V ID =3 A RG =18 Ω VGS =10 V (see test circuit, figure 5) 13 11 26 18 16 35 ns ns ns SOURCE DRAIN DIODE Symbol Parameter Test Condi tions Mi n. Typ. Max. Unit ISD I SDM( •) Source-drain Current Source-drain Current (pulsed) 2.7 10.8 A A VSD ( ∗) Forward On Volt age ISD =2.7 A VGS =0 1.6 V trr Qrr IRRM Reverse Recovery Time Reverse Recovery Charge Reverse Recovery Current ISD =3 A di/dt = 100 A/ µs VDD = 100 V Tj =150 oC (see test circuit, figure 5) 350 4.2 24 ns µC A ( ∗) Pulsed: Pulse duration = 300 µs, duty cycle 1.5 % ( •) Pulse width limited by safe operating area Safe Operating Area Thermal Impedance STK3NA50 3/10 |
Número de pieza similar - STK3NA50 |
|
Descripción similar - STK3NA50 |