Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TS912IYDT Datasheet(PDF) 6 Page - STMicroelectronics |
|
TS912IYDT Datasheet(HTML) 6 Page - STMicroelectronics |
6 / 18 page Electrical characteristics TS912 6/18 Table 4. VCC + = 5V, V CC - = 0V, R L, CL connected to VCC/2, Tamb = 25°C (unless otherwise specified) Symbol Parameter Min. Typ. Max. Unit Vio Input offset voltage (Vic = Vo = VCC/2) TS912 TS912A TS912B Tmin ≤ Tamb ≤ Tmax TS912 TS912A TS912B 10 5 2 12 7 3 mV ΔVio Input offset voltage drift 5 μV/°C Iio Input offset current (1) Tmin ≤ Tamb ≤ Tmax 1 100 200 pA Iib Input bias current (1) Tmin ≤ Tamb ≤ Tmax 1 150 300 pA ICC Supply current (per amplifier, AVCL = 1, no load) Tmin ≤ Tamb ≤ Tmax 230 350 450 μA CMR Common mode rejection ratio Vic = 1.5 to 3.5V, Vo = 2.5V 60 85 dB SVR Supply voltage rejection ratio (VCC + = 3 to 5V, V o = VCC/2) 55 80 dB Avd Large signal voltage gain (RL = 10kΩ, Vo = 1.5V to 3.5V) Tmin ≤ Tamb ≤ Tmax 10 7 40 V/mV VOH High level output voltage (Vid = 1V) RL = 100kΩ RL = 10kΩ RL = 600Ω RL = 100Ω Tmin ≤ Tamb ≤ Tmax RL = 10kΩ RL = 600Ω 4.95 4.9 4.25 4.8 4.1 4.95 4.55 3.7 V VOL Low level output voltage (Vid = -1V) RL = 100kΩ RL = 10kΩ RL = 600Ω RL = 100Ω Tmin ≤ Tamb ≤ Tmax RL = 10kΩ RL = 600Ω 40 350 1400 50 100 500 150 750 mV Io Output short-circuit current (Vid = ±1V) Source (Vo = VCC -) Sink (Vo = VCC +) 45 45 65 65 mA GBP Gain bandwidth product (AVCL = 100, RL = 10kΩ, CL = 100pF, f = 100kHz) 1MHz SR+ Slew rate (AVCL = 1, RL = 10kΩ, CL = 100pF, Vi = 1V to 4V) 0.8 V/ μs SR- Slew rate (AVCL = 1, RL = 10kΩ, CL = 100pF, Vi = 1V to 4V) 0.6 V/ μs |
Número de pieza similar - TS912IYDT |
|
Descripción similar - TS912IYDT |