Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LCXH162244TTR Datasheet(PDF) 4 Page - STMicroelectronics

No. de pieza 74LCXH162244TTR
Descripción Electrónicos  Low voltage CMOS 16-bit bus buffer (3-state) with 5V tolerant inputs and outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LCXH162244TTR Datasheet(HTML) 4 Page - STMicroelectronics

  74LCXH162244TTR Datasheet HTML 1Page - STMicroelectronics 74LCXH162244TTR Datasheet HTML 2Page - STMicroelectronics 74LCXH162244TTR Datasheet HTML 3Page - STMicroelectronics 74LCXH162244TTR Datasheet HTML 4Page - STMicroelectronics 74LCXH162244TTR Datasheet HTML 5Page - STMicroelectronics 74LCXH162244TTR Datasheet HTML 6Page - STMicroelectronics 74LCXH162244TTR Datasheet HTML 7Page - STMicroelectronics 74LCXH162244TTR Datasheet HTML 8Page - STMicroelectronics 74LCXH162244TTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
74LCXH162244
4/10
DC SPECIFICATIONS
DYNAMIC SWITCHING CHARACTERISTICS
1) Number of outputs defined as "n". Measured with "n-1" outputs switching from HIGH to LOW or LOW to HIGH. The remaining output is
measured in the LOW state.
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
-40to 85°C
-55 to 125°C
Min.
Max.
Min.
Max.
VIH
High Level Input
Voltage
2.7to3.6
2.0
2.0
V
VIL
Low Level Input
Voltage
0.8
0.8
V
VOH
High Level Output
Voltage
2.7to3.6
IO=-100 µAVCC-0.2
VCC-0.2
V
2.7
IO=-8 mA
2.0
2.0
3.0
IO=-6 mA
2.4
2.4
IO=-12 mA
2.0
2.0
VOL
Low Level Output
Voltage
2.7to3.6
IO=100 µA
0.2
0.2
V
2.7
IO=8 mA
0.6
0.6
3.0
IO=6 mA
0.55
0.55
IO=12 mA
0.8
0.8
II
Input Leakage
Current
2.7to3.6
VI = 0 to 5.5V
± 5
± 5
µA
II(HOLD)
Input Hold Current
3.0
VI = 0.8V
75
75
µA
VI = 2.0V
-75
-75
3.6
VI = 0 to 3.6V
± 500
± 500
Ioff
Power Off Leakage
Current
0
VI or VO =5.5V
10
10
µA
IOZ
High Impedance
Output Leakage
Current
2.7to3.6
VI =VIH or VIL
VO = 0 to VCC
± 5
± 5
µA
ICC
Quiescent Supply
Current
2.7to3.6
VI =VCC or GND
20
20
µA
VI or VO= 3.6 to 5.5V
± 20
± 20
∆I
CC
ICC incr. per Input
2.7to3.6
VIH =VCC -0.6V
500
500
µA
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA =25°C
Min.
Typ.
Max.
VOLP
Dynamic Low Level Quiet
Output (note 1)
3.3
CL =50pF
VIL =0V, VIH = 3.3V
0.8
V
VOLV
-0.8


Número de pieza similar - 74LCXH162244TTR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74LCXH162244 FAIRCHILD-74LCXH162244 Datasheet
110Kb / 9P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26??Series Resistors in Outputs
logo
ON Semiconductor
74LCXH162244 ONSEMI-74LCXH162244 Datasheet
217Kb / 11P
   Low Voltage 16-Bit Buffer/Line Driver
Revised May 2005
logo
Fairchild Semiconductor
74LCXH162244MEA FAIRCHILD-74LCXH162244MEA Datasheet
110Kb / 9P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26??Series Resistors in Outputs
logo
ON Semiconductor
74LCXH162244MEA ONSEMI-74LCXH162244MEA Datasheet
217Kb / 11P
   Low Voltage 16-Bit Buffer/Line Driver
Revised May 2005
logo
Fairchild Semiconductor
74LCXH162244MEX FAIRCHILD-74LCXH162244MEX Datasheet
110Kb / 9P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26??Series Resistors in Outputs
More results

Descripción similar - 74LCXH162244TTR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
74LCX162244 STMICROELECTRONICS-74LCX162244_07 Datasheet
237Kb / 15P
   Low voltage CMOS 16-bit bus buffer (3-state) with 5V tolerant inputs and outputs
74LCX162244 STMICROELECTRONICS-74LCX162244 Datasheet
223Kb / 10P
   LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
February 2003
74LCX16244 STMICROELECTRONICS-74LCX16244_07 Datasheet
237Kb / 15P
   Low voltage CMOS 16-bit bus buffer (3-state) with 5V tolerant inputs and outputs
74LCX16244 STMICROELECTRONICS-74LCX16244 Datasheet
225Kb / 10P
   LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
74LCX16240 STMICROELECTRONICS-74LCX16240 Datasheet
239Kb / 15P
   Low voltage CMOS 16-bit bus buffer (3-state) with 5V tolerant inputs and outputs
74LCX162541 STMICROELECTRONICS-74LCX162541 Datasheet
246Kb / 15P
   Low voltage CMOS 16-bit bus buffer with 5V tolerant inputs and outputs
74LCX16541 STMICROELECTRONICS-74LCX16541 Datasheet
156Kb / 9P
   LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE) WITH 5V TOLERANT INPUTS/OUTPUTS (NON INVERTED)
74LCX16245 STMICROELECTRONICS-74LCX16245_07 Datasheet
260Kb / 15P
   Low voltage CMOS 16-bit bus transceiver (3-state) with 5V tolerant inputs and outputs
74LCX125 STMICROELECTRONICS-74LCX125_06 Datasheet
241Kb / 16P
   Low voltage CMOS quad bus buffer (3-State) with 5V tolerant inputs and outputs
74LCX541 STMICROELECTRONICS-74LCX541 Datasheet
225Kb / 9P
   LOW VOLTAGE CMOS OCTAL BUS BUFFER (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com