Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STDVE003A Datasheet(PDF) 7 Page - STMicroelectronics

No. de pieza STDVE003A
Descripción Electrónicos  Adaptive 3.4 Gbps 3:1 TMDS/HDMI signal equalizer
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDVE003A Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STDVE003A Datasheet HTML 3Page - STMicroelectronics STDVE003A Datasheet HTML 4Page - STMicroelectronics STDVE003A Datasheet HTML 5Page - STMicroelectronics STDVE003A Datasheet HTML 6Page - STMicroelectronics STDVE003A Datasheet HTML 7Page - STMicroelectronics STDVE003A Datasheet HTML 8Page - STMicroelectronics STDVE003A Datasheet HTML 9Page - STMicroelectronics STDVE003A Datasheet HTML 10Page - STMicroelectronics STDVE003A Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
STDVE003A
Pin configuration
7/41
2
Pin configuration
Figure 5.
Pin configuration (TQFP80 package)
Table 2.
Pin description
Pin number
Pin name
Type
Function
1
DDC_1_PWR
Power
External power to connect the pull-up resistor on
DDC A ports. Connect to GND if unused.
2, 3
SDA1, SCL1
I/O
Port1 DDC bus data and clock lines
4
GND
Power
Ground
5, 6
B11, A11
Input,TMDS
Port 1 differential inputs for channel 1
7
VCC
Power
Supply voltage (3.3 V ± 5%)
8, 9
B12, A12
Input,TMDS
Port 1 differential inputs for channel 2
10
GND
Power
Ground
11, 12
B13, A13
Input,TMDS
Port 1 differential inputs for channel 3
13
VCC
Power
Supply voltage (3.3 V ± 5%)
14, 15
B14, A14
Input, TMDS
Port 1 differential inputs for channel 4
1
2
3
4
5
6
7
8
9
10
11
12
51
50
49
48
47
46
45
44
43
42
41
DDC_1_PWR
SDA1
GND
B13
A13
SDA3
DDC_3_PWR
OE_N
SCL3
VCC
GND
B12
SCL1
A12
A11
STDVE003A
B11
VCC
GND
HPD3
A31
B31
VCC
B32
13
14
15
16
17
18
19
20
VCC
DDC_Y_PWR
VCC
REXT
A14
B14
GND
59
58
57
56
55
54
53
52
60
A32
GND
B33
A33
VCC
B34
A34
GND
DDC_2_PWR
CS00064
EQ_BOOST


Número de pieza similar - STDVE003A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STDVE003A STMICROELECTRONICS-STDVE003A Datasheet
91Kb / 3P
   3:1 TMDS / HDMI signal equalizer
More results

Descripción similar - STDVE003A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STDVE103A STMICROELECTRONICS-STDVE103A Datasheet
685Kb / 43P
   Adaptive 3.4 Gbps 3:1 TMDS/HDMI signal equalizer
STDVE001A STMICROELECTRONICS-STDVE001A Datasheet
789Kb / 49P
   Adaptive single 3.4 Gbps TMDS/HDMI signal equalizer
STDVE003A STMICROELECTRONICS-STDVE003A Datasheet
91Kb / 3P
   3:1 TMDS / HDMI signal equalizer
logo
Texas Instruments
TMDS171 TI1-TMDS171 Datasheet
2Mb / 62P
[Old version datasheet]   3.4 Gbps TMDS RETIMER
logo
Analog Devices
ADV3003 AD-ADV3003 Datasheet
771Kb / 16P
   HDMI/DVI TMDS Equalizer
REV. 0
ADV3003 AD-ADV3003_17 Datasheet
766Kb / 16P
   HDMI/DVI TMDS Equalizer
logo
Texas Instruments
LMH0344 TI1-LMH0344_17 Datasheet
1Mb / 23P
[Old version datasheet]   3-Gbps HD - SD SDI Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0344_0808 NSC-LMH0344_0808 Datasheet
387Kb / 8P
   3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0344 NSC-LMH0344_08 Datasheet
384Kb / 8P
   3 Gbps HD/SD SDI Adaptive Cable Equalizer
logo
Texas Instruments
LMH0314 TI1-LMH0314 Datasheet
141Kb / 5P
[Old version datasheet]   3 Gbps HD/SD SDI Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com