Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BTB25-600BWRG Datasheet(PDF) 1 Page - STMicroelectronics

No. de pieza BTB25-600BWRG
Descripción Electrónicos  25 A standard and Snubberless triacs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTB25-600BWRG Datasheet(HTML) 1 Page - STMicroelectronics

  BTB25-600BWRG Datasheet HTML 1Page - STMicroelectronics BTB25-600BWRG Datasheet HTML 2Page - STMicroelectronics BTB25-600BWRG Datasheet HTML 3Page - STMicroelectronics BTB25-600BWRG Datasheet HTML 4Page - STMicroelectronics BTB25-600BWRG Datasheet HTML 5Page - STMicroelectronics BTB25-600BWRG Datasheet HTML 6Page - STMicroelectronics BTB25-600BWRG Datasheet HTML 7Page - STMicroelectronics BTB25-600BWRG Datasheet HTML 8Page - STMicroelectronics BTB25-600BWRG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
July 2007
Rev 10
1/12
12
BTA24, BTB24, BTA25
BTA26, BTB26, T25
25 A standard and Snubberless™ triacs
Features
High current triac
Low thermal resistance with clip bonding
High commutation (4 quadrant) or very high
commutation (3 quadrant) capability
BTA series UL1557 certified (File ref: 81734)
Packages are RoHS (2002/95/EC) compliant
Applications
Applications include the ON/OFF function in
applications such as static relays, heating
regulation, induction motor starting circuits, etc.,
or for phase control operation in light dimmers,
motor speed controllers, and silmilar.
The snubberless versions (BTA/BTB...W and T25
series) are especially recommended for use on
inductive loads, due to their high commutation
performances. The BTA series provides an
insulated tab (rated at 2500 VRMS).
Description
Available either in through-hole or surface-mount
packages, the BTA24, BTB24, BTA25, BTA26,
BTB26 and T25 triac series is suitable for general
purpose mains power AC switching.
TM: Snubberless is a trademark of STMicroelectronics
D2PAK
(T25)
RD91
(BTA25)
TOP3 Insulated
(BTA26)
TO-220AB Insulated
(BTA24)
TO-220AB
(BTB24)
G
A2
A1
G
A2
A2
A1
A2
A1
G
G
A2
A1
G
A2
A1
A2
A2
G
A1
TOP3
(BTB26)
G
A2
A1
A2
Table 1.
Device summary
Symbol
Parameter
BTA24(1)
1.
Insulated packages
BTB24
BTA25(1)
BTA26(1)
BTB26
T25
Unit
IT(RMS)
RMS on-state
current
25
25
25
25
25
25
A
VDRM/VRRM
Repetitive peak
off-state voltage
600 / 800 600 / 800 600 / 800 600(2) / 800
2.
600 V version available only with IGT = 50 mA (Snubberless and Standard)
600
600 / 800
V
IGT (Snubberless)
Triggering gate
current
35 / 50
35 / 50
50
35 / 50
-
35
mA
IGT (Standard)
Triggering gate
current
-50
50
50
50
-
mA
www.st.com


Número de pieza similar - BTB25-600BWRG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
BTB25-600BWRG STMICROELECTRONICS-BTB25-600BWRG Datasheet
135Kb / 12P
   25 A standard and Snubberless triacs
BTB25-600BWRG STMICROELECTRONICS-BTB25-600BWRG Datasheet
135Kb / 12P
   25 A standard and Snubberless triacs
More results

Descripción similar - BTB25-600BWRG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
BTA26-700BRG STMICROELECTRONICS-BTA26-700BRG Datasheet
135Kb / 12P
   25 A standard and Snubberless??triacs
BTA25-700B STMICROELECTRONICS-BTA25-700B Datasheet
142Kb / 12P
   25 A standard and Snubberless??triacs
July 2007 Rev 10
BTA26-400BRG STMICROELECTRONICS-BTA26-400BRG Datasheet
135Kb / 12P
   25 A standard and Snubberless triacs
BTA24-600CW STMICROELECTRONICS-BTA24-600CW Datasheet
135Kb / 12P
   25 A standard and Snubberless triacs
BTA25-400B STMICROELECTRONICS-BTA25-400B Datasheet
135Kb / 12P
   25 A standard and Snubberless triacs
BTA26-800BWRG STMICROELECTRONICS-BTA26-800BWRG Datasheet
135Kb / 12P
   25 A standard and Snubberless triacs
logo
Nell Semiconductor Co.,...
10TT06A-BW NELLSEMI-10TT06A-BW Datasheet
300Kb / 6P
   TRIACs, 10A Snubberless and Standard
logo
STMicroelectronics
T2550H STMICROELECTRONICS-T2550H Datasheet
108Kb / 8P
   Snubberless high temperature 25 A Triacs
logo
Kersemi Electronic Co.,...
BTA16-600SW KERSEMI-BTA16-600SW Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTA16-700B KERSEMI-BTA16-700B Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com