Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

M4Z28-BR00SH1 Datasheet(PDF) 7 Page - STMicroelectronics

No. de pieza M4Z28-BR00SH1
Descripción Electrónicos  5V or 3V NVRAM supervisor for up to 8 LPSRAMs
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M4Z28-BR00SH1 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M4Z28-BR00SH1 Datasheet HTML 3Page - STMicroelectronics M4Z28-BR00SH1 Datasheet HTML 4Page - STMicroelectronics M4Z28-BR00SH1 Datasheet HTML 5Page - STMicroelectronics M4Z28-BR00SH1 Datasheet HTML 6Page - STMicroelectronics M4Z28-BR00SH1 Datasheet HTML 7Page - STMicroelectronics M4Z28-BR00SH1 Datasheet HTML 8Page - STMicroelectronics M4Z28-BR00SH1 Datasheet HTML 9Page - STMicroelectronics M4Z28-BR00SH1 Datasheet HTML 10Page - STMicroelectronics M4Z28-BR00SH1 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
M40Z300, M40Z300W
Description
7/25
Figure 2.
28-pin SOIC connections
Figure 3.
M40Z300 16-pin SOIC connections
Figure 4.
M40Z300W 16-pin SOIC connections
1.
For M40Z300W, B– must be connected to the negative battery terminal only (not to pin 8, VSS).
AI02243
8
2
3
4
5
6
7
9
10
11
12
13
14
22
21
20
19
18
17
16
15
28
27
26
25
24
23
1
NC
NC
BL
NC
A
NC
B
RST
NC
NC
NC
E1CON
NC
E3CON
E
E2CON
NC
NC
NC
NC
THS
NC
VSS
E4CON
NC
NC
VOUT
VCC
M40Z300
M40Z300W
AI03624
8
2
3
4
5
6
710
16
15
14
13
12
11
1
A
RST
B
E1CON
E
E2CON
B –
VSS
NC
VOUT
VCC
M40Z300
BL
THS
E3CON
E4CON
9
B +
AI06350
8
2
3
4
5
6
710
16
15
14
13
12
11
1
A
RST
B
E1CON
E
E2CON
B +
VSS
NC
VOUT
VCC
M40Z300W
BL
THS
E3CON
E4CON
9
B –
(1)


Número de pieza similar - M4Z28-BR00SH1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
M4Z28-BR00SH1 STMICROELECTRONICS-M4Z28-BR00SH1 Datasheet
49Kb / 7P
   ZEROPOWER SNAPHAT Battery
November 1999
M4Z28-BR00SH1 STMICROELECTRONICS-M4Z28-BR00SH1 Datasheet
163Kb / 12P
   ZEROPOWER SNAPHAT (BATTERY)
M4Z28-BR00SH1 STMICROELECTRONICS-M4Z28-BR00SH1 Datasheet
180Kb / 21P
   5V or 3V NVRAM supervisor for up to two LPSRAMs
M4Z28-BR00SH1 STMICROELECTRONICS-M4Z28-BR00SH1 Datasheet
431Kb / 25P
   5 V or 3 V NVRAM supervisor for up to 8 LPSRAMs
M4Z28-BR00SH1 STMICROELECTRONICS-M4Z28-BR00SH1 Datasheet
234Kb / 16P
   ZEROPOWER짰 SNAPHAT짰 (battery)
More results

Descripción similar - M4Z28-BR00SH1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
M40Z300 STMICROELECTRONICS-M40Z300_05 Datasheet
348Kb / 21P
   5V or 3V NVRAM Supervisor for Up to 8 LPSRAMs
M40Z111 STMICROELECTRONICS-M40Z111_07 Datasheet
180Kb / 21P
   5V or 3V NVRAM supervisor for up to two LPSRAMs
M40Z111 STMICROELECTRONICS-M40Z111 Datasheet
107Kb / 15P
   5V OR 3V NVRAM SUPERVISOR FOR UP TO TWO LPSRAMs
M40Z300AV STMICROELECTRONICS-M40Z300AV Datasheet
272Kb / 20P
   3V NVRAM Supervisor for Up to 8 LPSRAMs
M40SZ100Y STMICROELECTRONICS-M40SZ100Y Datasheet
285Kb / 19P
   5V or 3V NVRAM SUPERVISOR FOR LPSRAM
M40Z300 STMICROELECTRONICS-M40Z300_10 Datasheet
431Kb / 25P
   5 V or 3 V NVRAM supervisor for up to 8 LPSRAMs
M40SZ100Y STMICROELECTRONICS-M40SZ100Y_07 Datasheet
230Kb / 25P
   5V or 3V NVRAM supervisor for LPSRAM
M40SZ100Y STMICROELECTRONICS-M40SZ100Y_10 Datasheet
442Kb / 24P
   5 V or 3 V NVRAM supervisor for LPSRAM
M41ST85Y STMICROELECTRONICS-M41ST85Y Datasheet
530Kb / 34P
   5.0 OR 3.0V, 512 bit 64 x 8 SERIAL RTC and NVRAM SUPERVISOR
M40Z300 STMICROELECTRONICS-M40Z300 Datasheet
128Kb / 16P
   NVRAM CONTROLLER for up to EIGHT LPSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com