Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STP20NM50 Datasheet(PDF) 7 Page - STMicroelectronics

No. de pieza STP20NM50
Descripción Electrónicos  N-CHANNEL 500V - 0.20ohm - 20A TO-220/FP/D2PAK/I2PAK MDmesh Power MOSFET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP20NM50 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STP20NM50 Datasheet HTML 3Page - STMicroelectronics STP20NM50 Datasheet HTML 4Page - STMicroelectronics STP20NM50 Datasheet HTML 5Page - STMicroelectronics STP20NM50 Datasheet HTML 6Page - STMicroelectronics STP20NM50 Datasheet HTML 7Page - STMicroelectronics STP20NM50 Datasheet HTML 8Page - STMicroelectronics STP20NM50 Datasheet HTML 9Page - STMicroelectronics STP20NM50 Datasheet HTML 10Page - STMicroelectronics STP20NM50 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
STB20NM50-1 - STB20NM50 - STP20NM50 - STP20NM50FP
2 Electrical characteristics
7/16
Figure 13. Source-drain Diode Forward
Characteristics


Número de pieza similar - STP20NM50

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STP20NM50 STMICROELECTRONICS-STP20NM50 Datasheet
317Kb / 14P
   N-channel 500V - 0.20廓 - 20A - TO220/FP-D2PAK-I2PAK MDmesh??Power MOSFET
STP20NM50FD STMICROELECTRONICS-STP20NM50FD Datasheet
276Kb / 9P
   N-CHANNEL 500V - 0.22ohm - 20A TO-220/I2PAK FDmesh??Power MOSFET with FAST DIODE
STP20NM50FD STMICROELECTRONICS-STP20NM50FD Datasheet
494Kb / 11P
   N-CHANNEL 500V - 0.22W - 20A TO-220/TO-220FP/D2PAK FDmesh??Power MOSFET (with FAST DIODE)
STP20NM50FD STMICROELECTRONICS-STP20NM50FD Datasheet
403Kb / 16P
   N-channel 500 V, 0.22 廓, 20 A D2PAK, TO-220FP, TO-220 FDmesh??Power MOSFET
logo
Inchange Semiconductor ...
STP20NM50FD ISC-STP20NM50FD Datasheet
303Kb / 2P
   isc N-Channel Mosfet Transistor
More results

Descripción similar - STP20NM50

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STP22NM50 STMICROELECTRONICS-STP22NM50 Datasheet
356Kb / 10P
   N-CHANNEL 500V - 0.16ohm - 20A TO-220/FP/D2PAK/I2PAK MDmesh?줡ower MOSFET
STP20NM60 STMICROELECTRONICS-STP20NM60 Datasheet
355Kb / 15P
   N-CHANNEL 600V - 0.25ohm - 20A TO-220/FP/D2PAK/I2PAK MDmesh Power MOSFET
STB20NM50 STMICROELECTRONICS-STB20NM50_07 Datasheet
317Kb / 14P
   N-channel 500V - 0.20廓 - 20A - TO220/FP-D2PAK-I2PAK MDmesh??Power MOSFET
STP11NM60 STMICROELECTRONICS-STP11NM60_07 Datasheet
364Kb / 16P
   N-channel 650V TJmax - 0.4OHM - 11A TO-220/FP/D2PAK/I2PAK MDmesh Power MOSFET
STW20NM50 STMICROELECTRONICS-STW20NM50 Datasheet
256Kb / 8P
   N-CHANNEL 500V - 0.20ohm - 20A TO-247 MDmesh?줡ower MOSFET
STP5NC50 STMICROELECTRONICS-STP5NC50 Datasheet
534Kb / 12P
   N-CHANNEL 500V - 1.3ohm - 5.5A TO-220/FP/D2PAK/I2PAK PowerMesh?줚I MOSFET
STB9NK50ZT4 STMICROELECTRONICS-STB9NK50ZT4 Datasheet
371Kb / 13P
   N-CHANNEL 500V - 7.2A TO-220/FP/D2PAK/I2PAK Zener-Protected SuperMESH MOSFET
STB20NM60-1 STMICROELECTRONICS-STB20NM60-1 Datasheet
440Kb / 18P
   N-channel 600V - 0.25廓 - 20A - TO-247 - TO-220/FP - D2/I2PAK MDmesh??Power MOSFET
STP14NK50Z STMICROELECTRONICS-STP14NK50Z_06 Datasheet
626Kb / 19P
   N-channel 500V - 0.34OHM - 14A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-protected SuperMESH Power MOSFET
STP22NM60 STMICROELECTRONICS-STP22NM60 Datasheet
386Kb / 11P
   N-CHANNEL 600V - 0.19 ohm - 22A TO-220/FP/D2PAK/I2PAK/TO-247 MDmesh?줡ower MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com