Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
M74HC160RM13TR Datasheet(PDF) 6 Page - STMicroelectronics |
|
M74HC160RM13TR Datasheet(HTML) 6 Page - STMicroelectronics |
6 / 12 page M74HC160 6/12 CAPACITIVE CHARACTERISTICS 1) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC TEST CIRCUIT CL = 50pF or equivalent (includes jig and probe capacitance) RT = ZOUT of pulse generator (typically 50Ω) WAVEFORM 1: PROPAGATION DELAY TIMES ,MINIMUM PULSE WIDTH (CLOCK), (COUNT MODE) (f=1MHz; 50% duty cycle) Symbol Parameter Test Condition Value Unit VCC (V) TA = 25°C -40 to 85°C -55 to 125°C Min. Typ. Max. Min. Max. Min. Max. CIN Input Capacitance 5.0 5 101010 pF CPD Power Dissipation Capacitance (note 1) 5.0 50 pF |
Número de pieza similar - M74HC160RM13TR |
|
Descripción similar - M74HC160RM13TR |