Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM6T27AY Datasheet(PDF) 7 Page - STMicroelectronics

No. de pieza SM6T27AY
Descripción Electrónicos  TransilTM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SM6T27AY Datasheet(HTML) 7 Page - STMicroelectronics

  SM6T27AY Datasheet HTML 1Page - STMicroelectronics SM6T27AY Datasheet HTML 2Page - STMicroelectronics SM6T27AY Datasheet HTML 3Page - STMicroelectronics SM6T27AY Datasheet HTML 4Page - STMicroelectronics SM6T27AY Datasheet HTML 5Page - STMicroelectronics SM6T27AY Datasheet HTML 6Page - STMicroelectronics SM6T27AY Datasheet HTML 7Page - STMicroelectronics SM6T27AY Datasheet HTML 8Page - STMicroelectronics SM6T27AY Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
SM6T
Packaging information
7/9
Figure 11. SMB footprint
dimensions in mm
(inches)
Figure 12. Marking layout
Table 6.
Marking
Order code
Mark
Order code
Mark
SM6T6V8A
DE
SM6T6V8CA
LE
SM6T7V5A
DG
SM6T7V5CA
LG
SM6T10A
DP
SM6T10CA
LP
SM6T12A
DT
SM6T12CA
LT
SM6T15A
DX
SM6T15CA
LX
SM6T18A
EE
SM6T18CA
ME
SM6T22A
EK
SM6T22CA
MK
SM6T24A
EM
SM6T24CA
MM
SM6T27A
EP
SM6T27CA
MP
SM6T27AY(1)
1.
Automotive grade version (qualified according to AEC Q101)
EPY
SM6T30A
ER
SM6T30CA
MR
SM6T33A
ET
SM6T33CA
MT
SM6T36A
EV
SM6T36CA
MV
SM6T36AY(1)
EVY
SM6T39A
EX
SM6T39CA
MX
SM6T39AY(1)
EXY
SM6T68A
FQ
SM6T68CA
NQ
SM6T75A
FS
SM6T75CA
NS
SM6T100A
FY
SM6T100CA
NY
SM6T150A
GL
SM6T150CA
OL
SM6T200A
GU
SM6T200CA
OU
SM6T220A
GW
SM6T220CA
OW
2.60
5.84
1.62
2.18
1.62
(0.064) (0.102)
(0.300)
(0.064)
(0.086)
y w w
e3
z
x x x
e3: ECOPACK ( Lead-free
XXX : Marking
Z : Manufacturing location
Y : Year
WW : week
Cathode bar (unidirectional devices only )


Número de pieza similar - SM6T27AY

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
SM6T27AY STMICROELECTRONICS-SM6T27AY Datasheet
217Kb / 12P
   Automotive 600 W Transil?
SM6T27AY STMICROELECTRONICS-SM6T27AY Datasheet
217Kb / 12P
   Automotive 600 W Transil?
SM6T27AY STMICROELECTRONICS-SM6T27AY Datasheet
217Kb / 12P
   Automotive 600 W Transil
SM6T27AY STMICROELECTRONICS-SM6T27AY Datasheet
217Kb / 12P
   Automotive 600 W Transil
SM6T27AY STMICROELECTRONICS-SM6T27AY Datasheet
228Kb / 12P
   Automotive 600 W Transil
More results

Descripción similar - SM6T27AY

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
SM15T STMICROELECTRONICS-SM15T Datasheet
125Kb / 9P
   TransilTM
SMAJ50A STMICROELECTRONICS-SMAJ50A Datasheet
90Kb / 5P
   TRANSILTM
SM15T6V8A STMICROELECTRONICS-SM15T6V8A Datasheet
189Kb / 5P
   TRANSILTM
1N5908 STMICROELECTRONICS-1N5908 Datasheet
71Kb / 6P
   TRANSILTM
August 1999 Ed : 2A
BZW50-10 STMICROELECTRONICS-BZW50-10 Datasheet
78Kb / 5P
   TRANSILTM
SM6T6V8A STMICROELECTRONICS-SM6T6V8A Datasheet
186Kb / 5P
   TRANSILTM
BZW50-10 STMICROELECTRONICS-BZW50-10_03 Datasheet
173Kb / 5P
   TRANSILTM
SMAJ50A-TR STMICROELECTRONICS-SMAJ50A-TR Datasheet
90Kb / 5P
   TRANSILTM
SMBJ50A-TR STMICROELECTRONICS-SMBJ50A-TR Datasheet
82Kb / 6P
   TRANSILTM
SMBJ50A STMICROELECTRONICS-SMBJ50A Datasheet
158Kb / 6P
   TRANSILTM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com