Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ST72C314N4TC Datasheet(PDF) 1 Page - STMicroelectronics

No. de pieza ST72C314N4TC
Descripción Electrónicos  8-bit MCU for automotive with single voltage Flash/ROM memory, ADC, 16-bit timers, SPI, SCI interfaces
Download  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72C314N4TC Datasheet(HTML) 1 Page - STMicroelectronics

  ST72C314N4TC Datasheet HTML 1Page - STMicroelectronics ST72C314N4TC Datasheet HTML 2Page - STMicroelectronics ST72C314N4TC Datasheet HTML 3Page - STMicroelectronics ST72C314N4TC Datasheet HTML 4Page - STMicroelectronics ST72C314N4TC Datasheet HTML 5Page - STMicroelectronics ST72C314N4TC Datasheet HTML 6Page - STMicroelectronics ST72C314N4TC Datasheet HTML 7Page - STMicroelectronics ST72C314N4TC Datasheet HTML 8Page - STMicroelectronics ST72C314N4TC Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 150 page
background image
Rev. 1
October 2007
1/150
ST72334xx-Auto,
ST72314xx-Auto, ST72124Jx-Auto
8-bit MCU for automotive with single voltage Flash/ROM memory,
ADC, 16-bit timers, SPI, SCI interfaces
Memories
– 8 or 16 Kbyte Program memory (ROM or sin-
gle voltage Flash) with readout protection and
in-situ programming (remote ISP)
– 256 bytes EEPROM Data memory (with read-
out protection option in ROM devices)
– 384 or 512 bytes RAM
Clock, Reset and Supply Management
– Enhanced reset system
– Enhanced low voltage supply supervisor with
3 programmable levels
– Clock sources: crystal/ceramic resonator os-
cillators or RC oscillators, external clock,
backup Clock Security System
– 4 Power Saving Modes: Halt, Active Halt,
Wait and Slow
– Beep and clock-out capabilities
Interrupt Management
– 10 interrupt vectors plus TRAP and RESET
– 15 external interrupt lines (4 vectors)
44 or 32 I/O Ports
– 44 or 32 multifunctional bidirectional I/O lines:
– 21 or 19 alternate function lines
– 12 or 8 high sink outputs
4 Timers
– Configurable watchdog timer
– Real-time base
– Two 16-bit timers with: 2 input captures (only
one on timer A), 2 output compares (only one
on timer A), External clock input on timer A,
PWM and Pulse generator modes
2 Communications Interfaces
– SPI synchronous serial interface
– SCI asynchronous serial interface (LIN com-
patible)
1 Analog Peripheral
– 8-bit ADC with 8 input channels (6 only on
ST72334Jx, not available on ST72124J2)
Instruction Set
– 8-bit data manipulation
– 63 basic instructions
– 17 main addressing modes
– 8 x 8 unsigned multiply instruction
– True bit manipulation
Development Tools
– Full hardware/software development package
Device Summary
TQFP44
10 x 10
TQFP64
14 x 14
Features
ST72124J2
-Auto
ST72314J2
-Auto
ST72314J4
-Auto
ST72314N2
-Auto
ST72314N4
-Auto
ST72334J2
-Auto
ST72334J4
-Auto
ST72334N2
-Auto
ST72334N4
-Auto
Prog. memory
8 Kbytes
16 Kbytes
8 Kbytes
16 Kbytes
8 Kbytes
16 Kbytes
8 Kbytes
16 Kbytes
Flash/ROM
RAM (stack)
384 (256) bytes
512 (256)
bytes
384 (256)
bytes
512 (256)
bytes
384 (256)
bytes
512 (256)
bytes
384 (256)
bytes
512 (256)
bytes
EEPROM
-
256 bytes
Peripherals
Watchdog, Two 16-bit Timers, SPI, SCI
-
ADC
Oper. Supply
3.2V to 5.5V
CPU Freq.
Up to 8 MHz (with up to 16 MHz oscillator)
Oper. Temp.
-40°C to +85°C / -40°C to +125C° Flash or ROM (-40°C to +105°C ROM only)
Packages
TQFP44
TQFP64
TQFP44
TQFP64
1


Número de pieza similar - ST72C314N4TC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
ST72C314N4T1 STMICROELECTRONICS-ST72C314N4T1 Datasheet
1,022Kb / 125P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, SCI INTERFACES
ST72C314N4T3 STMICROELECTRONICS-ST72C314N4T3 Datasheet
1,022Kb / 125P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, SCI INTERFACES
ST72C314N4T6 STMICROELECTRONICS-ST72C314N4T6 Datasheet
1,022Kb / 125P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, SCI INTERFACES
ST72C314N4T7 STMICROELECTRONICS-ST72C314N4T7 Datasheet
1,022Kb / 125P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, SCI INTERFACES
More results

Descripción similar - ST72C314N4TC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
ST72334J STMICROELECTRONICS-ST72334J_03 Datasheet
1Mb / 153P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, SCI INTERFACES
ST72334J STMICROELECTRONICS-ST72334J Datasheet
1,022Kb / 125P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, SCI INTERFACES
ST72104GX-AUTO STMICROELECTRONICS-ST72104GX-AUTO Datasheet
3Mb / 135P
   8-bit MCU for automotive with single voltage Flash/ROM memory, ADC, 16-bit timers, SPI, I2C interfaces
ST72F262G2B5 STMICROELECTRONICS-ST72F262G2B5 Datasheet
1Mb / 172P
   8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
ST72260G STMICROELECTRONICS-ST72260G Datasheet
2Mb / 171P
   8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
August 2003 Rev. 1.7
ST72260GX STMICROELECTRONICS-ST72260GX Datasheet
1Mb / 172P
   8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
ST72104G STMICROELECTRONICS-ST72104G Datasheet
1Mb / 140P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, IC INTERFACES
ST72104G STMICROELECTRONICS-ST72104G Datasheet
909Kb / 135P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, I2C INTERFACES
February 2000 Rev. 2.2
ST7232A STMICROELECTRONICS-ST7232A Datasheet
1Mb / 154P
   8-BIT MCU WITH 8K FLASH/ROM, ADC, 4 TIMERS, SPI, SCI INTERFACE
ST7L15 STMICROELECTRONICS-ST7L15 Datasheet
2Mb / 138P
   8-bit MCU for automotive with single voltage Flash/ROM memory, data EEPROM, ADC, 5 timers, SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com