Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ST72C124J2TC Datasheet(PDF) 8 Page - STMicroelectronics

No. de pieza ST72C124J2TC
Descripción Electrónicos  8-bit MCU for automotive with single voltage Flash/ROM memory, ADC, 16-bit timers, SPI, SCI interfaces
Download  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72C124J2TC Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST72C124J2TC Datasheet HTML 4Page - STMicroelectronics ST72C124J2TC Datasheet HTML 5Page - STMicroelectronics ST72C124J2TC Datasheet HTML 6Page - STMicroelectronics ST72C124J2TC Datasheet HTML 7Page - STMicroelectronics ST72C124J2TC Datasheet HTML 8Page - STMicroelectronics ST72C124J2TC Datasheet HTML 9Page - STMicroelectronics ST72C124J2TC Datasheet HTML 10Page - STMicroelectronics ST72C124J2TC Datasheet HTML 11Page - STMicroelectronics ST72C124J2TC Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 150 page
background image
ST72334xx-Auto, ST72314xx-Auto, ST72124Jx-Auto
8/150
2 INTRODUCTION
The ST72334J/N-Auto, ST72314J/N-Auto and
ST72124J-Auto devices are members of the ST7
microcontroller family. They can be grouped as fol-
lows:
– ST72334J/N-Auto devices are designed for mid-
range applications with Data EEPROM, ADC,
SPI and SCI interface capabilities.
– ST72314J/N-Auto devices target the same
range of applications but without Data EEPROM.
– ST72124J-Auto devices are for applications that
do not need Data EEPROM and the ADC periph-
eral.
All devices are based on a common industry-
standard 8-bit core, featuring an enhanced instruc-
tion set.
The ST72C334J/N-Auto, ST72C314J/N-Auto and
ST72C124J-Auto versions feature single-voltage
Flash memory with byte-by-byte In-Situ Program-
ming (ISP) capability.
Under software control, all devices can be placed
in Wait, Slow, Active Halt or Halt mode, reducing
power consumption when the application is in idle
or standby state.
The enhanced instruction set and addressing
modes of the ST7 offer both power and flexibility to
software developers, enabling the design of highly
efficient and compact application code. In addition
to standard 8-bit data management, all ST7 micro-
controllers feature true bit manipulation, 8x8 un-
signed multiplication and indirect addressing
modes.
For easy reference, all parametric data is located
in Section 15 on page 108.
Figure 1. General Block Diagram
8-bit CORE
ALU
OSC1
ISPSEL
CONTROL
PROGRAM
(8 or 16 Kbytes)
VSS
RESET
PORT F
PF7,6,4,2:0
(6-bit)
TIMER A
BEEP
PORT A
RAM
(384 or 512 bytes)
PORT C
8-bit ADC
VDDA
VSSA
PORT B
PB7:0
PORT E
PE7:0
SCI
TIMER B
PA7:0
PORT D
PD7:0
SPI
PC7:0
(8-bit)
VDD
EEPROM
(256 bytes)
WATCHDOG
MULTI-OSC
LVD
OSC2
MEMORY
MCC/RTC
+
CLOCK FILTER
(8-bit for N versions)
(5-bit for J versions)
(8-bit for N versions)
(5-bit for J versions)
(6-bit for N versions)
(2-bit for J versions)
(8-bit for N versions)
(6-bit for J versions)


Número de pieza similar - ST72C124J2TC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
ST72C124J2T1 STMICROELECTRONICS-ST72C124J2T1 Datasheet
1,022Kb / 125P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, SCI INTERFACES
ST72C124J2T3 STMICROELECTRONICS-ST72C124J2T3 Datasheet
1,022Kb / 125P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, SCI INTERFACES
ST72C124J2T6 STMICROELECTRONICS-ST72C124J2T6 Datasheet
1,022Kb / 125P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, SCI INTERFACES
ST72C124J2T7 STMICROELECTRONICS-ST72C124J2T7 Datasheet
1,022Kb / 125P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, SCI INTERFACES
More results

Descripción similar - ST72C124J2TC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
ST72334J STMICROELECTRONICS-ST72334J_03 Datasheet
1Mb / 153P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, SCI INTERFACES
ST72334J STMICROELECTRONICS-ST72334J Datasheet
1,022Kb / 125P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, SCI INTERFACES
ST72104GX-AUTO STMICROELECTRONICS-ST72104GX-AUTO Datasheet
3Mb / 135P
   8-bit MCU for automotive with single voltage Flash/ROM memory, ADC, 16-bit timers, SPI, I2C interfaces
ST72F262G2B5 STMICROELECTRONICS-ST72F262G2B5 Datasheet
1Mb / 172P
   8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
ST72260G STMICROELECTRONICS-ST72260G Datasheet
2Mb / 171P
   8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
August 2003 Rev. 1.7
ST72260GX STMICROELECTRONICS-ST72260GX Datasheet
1Mb / 172P
   8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
ST72104G STMICROELECTRONICS-ST72104G Datasheet
1Mb / 140P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, IC INTERFACES
ST72104G STMICROELECTRONICS-ST72104G Datasheet
909Kb / 135P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, I2C INTERFACES
February 2000 Rev. 2.2
ST7232A STMICROELECTRONICS-ST7232A Datasheet
1Mb / 154P
   8-BIT MCU WITH 8K FLASH/ROM, ADC, 4 TIMERS, SPI, SCI INTERFACE
ST7L15 STMICROELECTRONICS-ST7L15 Datasheet
2Mb / 138P
   8-bit MCU for automotive with single voltage Flash/ROM memory, data EEPROM, ADC, 5 timers, SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com