Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LFXP6E-5TN144C Datasheet(PDF) 11 Page - Lattice Semiconductor

No. de pieza LFXP6E-5TN144C
Descripción Electrónicos  LatticeXP Family Data Sheet
Download  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LATTICE [Lattice Semiconductor]
Página de inicio  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFXP6E-5TN144C Datasheet(HTML) 11 Page - Lattice Semiconductor

Back Button LFXP6E-5TN144C Datasheet HTML 7Page - Lattice Semiconductor LFXP6E-5TN144C Datasheet HTML 8Page - Lattice Semiconductor LFXP6E-5TN144C Datasheet HTML 9Page - Lattice Semiconductor LFXP6E-5TN144C Datasheet HTML 10Page - Lattice Semiconductor LFXP6E-5TN144C Datasheet HTML 11Page - Lattice Semiconductor LFXP6E-5TN144C Datasheet HTML 12Page - Lattice Semiconductor LFXP6E-5TN144C Datasheet HTML 13Page - Lattice Semiconductor LFXP6E-5TN144C Datasheet HTML 14Page - Lattice Semiconductor LFXP6E-5TN144C Datasheet HTML 15Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 130 page
background image
2-8
Architecture
Lattice Semiconductor
LatticeXP Family Data Sheet
Figure 2-6. Secondary Clock Sources
Clock Routing
The clock routing structure in LatticeXP devices consists of four Primary Clock lines and a Secondary Clock net-
work per quadrant. The primary clocks are generated from MUXs located in each quadrant. Figure 2-7 shows this
clock routing. The four secondary clocks are generated from MUXs located in each quadrant as shown in Figure 2-
8. Each slice derives its clock from the primary clock lines, secondary clock lines and routing as shown in Figure 2-
9.
Figure 2-7. Per Quadrant Primary Clock Selection
20 Secondary Clock Sources
To Quadrant Clock Selection
From Routing
From Routing
Clock Input
Clock Input
From Routing
From Routing
From Routing
From Routing
From Routing
From Routing
From
Routing
From
Routing
From
Routing
Clock
Input
Clock
Input
From
Routing
From
Routing
From
Routing
From
Routing
From
Routing
4 Primary Clocks (CLK0, CLK1, CLK2, CLK3) per Quadrant
20 Primary Clock Sources: 12 PLLs + 4 PIOs + 4 Routing1
DCS2
DCS2
1. Smaller devices have fewer PLL related lines.
2. Dynamic clock select.


Número de pieza similar - LFXP6E-5TN144C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Lattice Semiconductor
LFXP2-17E-5F484C LATTICE-LFXP2-17E-5F484C Datasheet
4Mb / 102P
   LatticeXP2 Family
July 2021
LFXP2-17E-5F484I LATTICE-LFXP2-17E-5F484I Datasheet
4Mb / 102P
   LatticeXP2 Family
July 2021
LFXP2-17E-5FN484C LATTICE-LFXP2-17E-5FN484C Datasheet
4Mb / 102P
   LatticeXP2 Family
July 2021
LFXP2-17E-5FN484I LATTICE-LFXP2-17E-5FN484I Datasheet
4Mb / 102P
   LatticeXP2 Family
July 2021
LFXP2-17E-5FT256C LATTICE-LFXP2-17E-5FT256C Datasheet
4Mb / 102P
   LatticeXP2 Family
July 2021
More results

Descripción similar - LFXP6E-5TN144C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Lattice Semiconductor
MACHXO LATTICE-MACHXO Datasheet
942Kb / 95P
   MachXO Family Data Sheet
logo
Microchip Technology
PIC24FJ192GA110-I MICROCHIP-PIC24FJ192GA110-I Datasheet
2Mb / 330P
   PIC24FJ256GA110 Family Data Sheet
08/04/10
logo
Lattice Semiconductor
LCMXO2-7000HC-6TG144C LATTICE-LCMXO2-7000HC-6TG144C Datasheet
5Mb / 122P
   MachXO2 Family Data Sheet
2010-2022
DS1035 LATTICE-DS1035 Datasheet
7Mb / 106P
   MachXO2??Family Data Sheet
logo
Freescale Semiconductor...
MC68711E20CFNE2 FREESCALE-MC68711E20CFNE2 Datasheet
1Mb / 242P
   M68HC11E Family Data Sheet
logo
Lattice Semiconductor
XP2 LATTICE-XP2 Datasheet
1Mb / 92P
   LatticeXP2 Family Data Sheet
logo
Cree, Inc
XLAMPMCE CREE-XLAMPMCE Datasheet
1Mb / 14P
   Product family data sheet
logo
Microchip Technology
PIC18F66K22-I MICROCHIP-PIC18F66K22-I Datasheet
4Mb / 550P
   PIC18F87K22 Family Data Sheet
05/02/11
logo
Freescale Semiconductor...
K10P144M100SF2 FREESCALE-K10P144M100SF2 Datasheet
989Kb / 66P
   K10 Sub-Family Data Sheet
K10P81M100SF2 FREESCALE-K10P81M100SF2 Datasheet
865Kb / 60P
   K10 Sub-Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com