Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LC4128B-75T100I Datasheet(PDF) 5 Page - Lattice Semiconductor |
|
LC4128B-75T100I Datasheet(HTML) 5 Page - Lattice Semiconductor |
5 / 99 page Lattice Semiconductor ispMACH 4000V/B/C/Z Family Data Sheet 5 Figure 3. AND Array Enhanced Logic Allocator Within the logic allocator, product terms are allocated to macrocells in product term clusters. Each product term cluster is associated with a macrocell. The cluster size for the ispMACH 4000 family is 4+1 (total 5) product terms. The software automatically considers the availability and distribution of product term clusters as it fits the functions within a GLB. The logic allocator is designed to provide three speed paths: 5-PT fast bypass path, 20-PT Speed Locking path and an up to 80-PT path. The availability of these three paths lets designers trade timing variability for increased performance. The enhanced Logic Allocator of the ispMACH 4000 family consists of the following blocks: • Product Term Allocator • Cluster Allocator • Wide Steering Logic Figure 4 shows a macrocell slice of the Logic Allocator. There are 16 such slices in the GLB. Figure 4. Macrocell Slice PT0 PT1 Cluster 0 PT2 PT3 PT4 In[0] In[34] In[35] Note: Indicates programmable fuse. PT80 PT81 PT82 Shared PT Clock Shared PT Initialization Shared PTOE PT76 PT77 PT78 PT79 PT75 Cluster 15 to n+1 to n-1 to n-2 from n-1 from n-4 from n+2 from n+1 5-PT From n-4 1-80 PTs To n+4 Fast 5-PT Path To XOR (MC) Cluster Individual Product Term Allocator Cluster Allocator SuperWIDE™ Steering Logic n |
Número de pieza similar - LC4128B-75T100I |
|
Descripción similar - LC4128B-75T100I |