Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LFX500C-5FE680I Datasheet(PDF) 7 Page - Lattice Semiconductor

No. de pieza LFX500C-5FE680I
Descripción Electrónicos  ispXPGA Family
Download  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LATTICE [Lattice Semiconductor]
Página de inicio  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFX500C-5FE680I Datasheet(HTML) 7 Page - Lattice Semiconductor

Back Button LFX500C-5FE680I Datasheet HTML 3Page - Lattice Semiconductor LFX500C-5FE680I Datasheet HTML 4Page - Lattice Semiconductor LFX500C-5FE680I Datasheet HTML 5Page - Lattice Semiconductor LFX500C-5FE680I Datasheet HTML 6Page - Lattice Semiconductor LFX500C-5FE680I Datasheet HTML 7Page - Lattice Semiconductor LFX500C-5FE680I Datasheet HTML 8Page - Lattice Semiconductor LFX500C-5FE680I Datasheet HTML 9Page - Lattice Semiconductor LFX500C-5FE680I Datasheet HTML 10Page - Lattice Semiconductor LFX500C-5FE680I Datasheet HTML 11Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 115 page
background image
Lattice Semiconductor
ispXPGA Family Data Sheet
7
Figure 4. LUT in Shift Register Mode
Carry Chain Generator
The Carry Chain Generator is useful for implementing high-speed arithmetic functions. The CCG consists of a two-
input XOR gate whose carryout can be cascaded with the input of the adjacent CCG. As shown in Figure 5, the
carryin signal feeds CLE3 of the PFU and is propagated through CLE2 and CLE1 before reaching CLE0. The sum
output of the CCG can be fed to the CSE through the WLG. The carryout must propagate to CLE0 for use outside
the PFU. The carryout from the PFU can feed the W0 input of CSE0. The CCG also helps to effectively implement
wider functions by using its logic elements to expand the capabilities of the LUT-4.
Figure 5. Carry Chain Generator
Wide Logic Generator
The WLG contains the logic necessary to implement wide gate functions. This is made up of a set of multiplexers
that are located between the CLE and the CSE. The WLG helps in enhancing the wide gating capability of the PFU.
The outputs of each CLE can be cascaded in the WLG to build wide gating functions. Wide multiplexing functions
are also possible with a similar use of the WLG. Figure 6 illustrates the WLG.
LUT-4
PFUCLK0
SHIFTOUT (4A)
SEL (SHIFTIN)
CEB0
A
B
CIN
COUT
SUM
CLE3
CLE1
CLE2
CLE0
SUM3
COUT(r,c)
COUT to
CSE0
CIN from
Routing
COUT(r+1,c)
SUM2
SUM1
SUM0


Número de pieza similar - LFX500C-5FE680I

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Lattice Semiconductor
LFX500C-3F900C LATTICE-LFX500C-3F900C Datasheet
941Kb / 89P
   The ispXPGA architecture
LFX500C-3F900I LATTICE-LFX500C-3F900I Datasheet
941Kb / 89P
   The ispXPGA architecture
LFX500C-4F900C LATTICE-LFX500C-4F900C Datasheet
941Kb / 89P
   The ispXPGA architecture
LFX500C-4F900I LATTICE-LFX500C-4F900I Datasheet
941Kb / 89P
   The ispXPGA architecture
More results

Descripción similar - LFX500C-5FE680I

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Lattice Semiconductor
XPGA LATTICE-XPGA Datasheet
941Kb / 89P
   The ispXPGA architecture
logo
Freescale Semiconductor...
MC9S12C128V1 FREESCALE-MC9S12C128V1 Datasheet
2Mb / 690P
   MC9S12C Family MC9S12GC Family Reference Manual
logo
Pericom Semiconductor C...
PI7C9X2G808PR PERICOM-PI7C9X2G808PR Datasheet
752Kb / 1P
   GreenPacket Family
logo
Rohm
BR25S128GUZ-W ROHM-BR25S128GUZ-W_12 Datasheet
626Kb / 27P
   EEPROM family
logo
Zilog, Inc.
Z8018X ZILOG-Z8018X Datasheet
1Mb / 326P
   Family MPU
logo
Nuvoton Technology Corp...
NANO102 NUVOTON-NANO102 Datasheet
3Mb / 100P
   NuMicro??Family
logo
Microchip Technology
PIC18F66J10-I MICROCHIP-PIC18F66J10-I Datasheet
6Mb / 410P
   PIC18F87J10 Family
03/26/09
logo
Silicon Laboratories
CP2102N SILABS-CP2102N Datasheet
637Kb / 44P
   USBXpress Family
Rev. 1.0
logo
Synaptics Incorporated.
RC224ATL CONEXANT-RC224ATL Datasheet
1Mb / 104P
   EmbeddedModem Family
logo
Freescale Semiconductor...
MC68HC11E0CFNE3 FREESCALE-MC68HC11E0CFNE3 Datasheet
1Mb / 242P
   M68HC11E Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com